Electronic Components Datasheet Search
  English  ▼

X  

AD9945 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9945
Description  CCD Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9945 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9945 Datasheet HTML 6Page - Analog Devices AD9945 Datasheet HTML 7Page - Analog Devices AD9945 Datasheet HTML 8Page - Analog Devices AD9945 Datasheet HTML 9Page - Analog Devices AD9945 Datasheet HTML 10Page - Analog Devices AD9945 Datasheet HTML 11Page - Analog Devices AD9945 Datasheet HTML 12Page - Analog Devices AD9945 Datasheet HTML 13Page - Analog Devices AD9945 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
AD9945
Rev. C | Page 14 of 14
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-WHHD.
1
0.50
BSC
BOTTOM VIEW
TOP VIEW
PIN 1
INDICATOR
32
9
16
17
24
25
8
EXPOSED
PAD
PIN 1
INDICATOR
3.25
3.10 SQ
2.95
SEATING
PLANE
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
0.30
0.25
0.18
5.10
5.00 SQ
4.90
0.80
0.75
0.70
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.50
0.40
0.30
0.25 MIN
Figure 12. 32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
5 mm × 5 mm Body, Very Very Thin Quad
(CP-32-7)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD9945KCPZ
−20°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
AD9945KCPZRL7
−20°C to +85°C
32-Lead Lead Frame Chip Scale Package [LFCSP_WQ]
CP-32-7
1 Z = RoHS Compliant Part.
REVISION HISTORY
5/13—Rev. B to Rev. C
Updated Outline Dimensions........................................................14
Changes to Ordering Guide...........................................................14
1/11—Rev. A to Rev. B
Changed 140 mW to 160 mW Throughout ..................................1
Changes to Power Supply Voltage Parameter and Power
Consumption, Normal Operation (DRVDD Power not
Included) Parameter in General Specifications Table ..................2
Changed 2.7 V to 2.85 V in Digital Specifications Table
Summary ............................................................................................2
Changes to System Specifications Table Summary.......................3
Added Low Gain Mode Parameter in System Specifications
Table ....................................................................................................3
Added Exposed Pad Notation to Pin Configuration....................5
Changes to TPC 1..............................................................................7
Changes to Table 1 ............................................................................8
Changes to Figure 4 and Figure 5 ...................................................9
Added Required Start-Up Write Section .....................................13
Changes to Grounding and Decoupling Recommendations
Section ..............................................................................................13
Moved Ordering Guide ..................................................................14
Changes to Ordering Guide...........................................................14
11/03—Rev. 0 to Rev. A
Changes to Timing Specifications...................................................4
Changes to Ordering Guide.............................................................4
Changes to Figure 11 ......................................................................13
Updated Outline Dimensions........................................................14
©2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03636-0-5/13(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com