Electronic Components Datasheet Search
  English  ▼

X  

AD9945 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9945
Description  CCD Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9945 Datasheet(HTML) 3 Page - Analog Devices

  AD9945 Datasheet HTML 1Page - Analog Devices AD9945 Datasheet HTML 2Page - Analog Devices AD9945 Datasheet HTML 3Page - Analog Devices AD9945 Datasheet HTML 4Page - Analog Devices AD9945 Datasheet HTML 5Page - Analog Devices AD9945 Datasheet HTML 6Page - Analog Devices AD9945 Datasheet HTML 7Page - Analog Devices AD9945 Datasheet HTML 8Page - Analog Devices AD9945 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AD9945
–3–
Parameter
Min
Typ
Max
Unit
Notes
CDS
Maximum Input Range before Saturation
*
1.0
Vp-p
Allowable CCD Reset Transient
*
500
mV
See Input Waveform in Footnote
Maximum CCD Black Pixel Amplitude
*
100
mV
VARIABLE GAIN AMPLIFIER (VGA)
Gain Control Resolution
1024
Steps
Gain Monotonicity
Guaranteed
Gain Range
Minimum Gain
5.3
dB
Maximum Gain
40.0
41.5
dB
BLACK LEVEL CLAMP
Clamp Level Resolution
256
Steps
Clamp Level
Measured at ADC Output
Minimum Clamp Level
0
LSB
Maximum Clamp Level
255
LSB
A/D CONVERTER
Resolution
12
Bits
Differential Nonlinearity (DNL)
±0.5
LSB
No Missing Codes
Guaranteed
Data Output Coding
Straight Binary
Full-Scale Input Voltage
2.0
V
VOLTAGE REFERENCE
Reference Top Voltage (REFT)
2.0
V
Reference Bottom Voltage (REFB)
1.0
V
SYSTEM PERFORMANCE
Specifications Include Entire Signal Chain
Gain Range
Low Gain (VGA Code = 0)
5.3
dB
Maximum Gain (VGA Code = 1023)
40.0
41.5
dB
Gain Accuracy
1.0
dB
Peak Nonlinearity, 500 mV Input Signal
0.1
%
12 dB Gain Applied
Total Output Noise
1.2
LSB rms
AC Grounded Input, 6 dB Gain Applied
Power Supply Rejection (PSR)
40
dB
*Input Signal Characteristics defined as follows:
500mV TYP
RESET TRANSIENT
100mV TYP
OPTICAL BLACK PIXEL
1V TYP
INPUT SIGNAL RANGE
Specifications subject to change without notice.
SYSTEM SPECIFICATIONS
REV.
C
, AVDD = DVDD = DRVDD = 3.0 V, f
= 40 MHz, Register 0xD = 0x838,
unless otherwise noted.)
MAX
MIN
(T
to T
SAMP
See Variable Gain Amplifier section for VGA gain equation
Low Gain Mode
1.5
0
+1.5
dB
See Table 1, Internal Register Map, for register information
See Figure 7 for VGA Gain Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com