Electronic Components Datasheet Search
  English  ▼

X  

GS3011 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GS3011
Description  DynamEQ I Dynamic Equalizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS3011 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GS3011 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
520 - 66 - 07
4
4
5
10
- C
11
D
+
-
+
-
24k
11
0.92V
8
GC514
VB
7
C1
2µ2
C7
2µ2
C6
0µ1
R7
100k
R6
100k
15
1
14
16
2
REGULATOR
SLOW
AVERAGE
DETECTOR
FAST
AVERAGE
DETECTOR
3
8
5
17
CURRENT
REFERENCE
2:1
COMPRESSION
CONTROL
9
12
C4
0µ1
GS3011
340
11
3
V IN
9
3k9
10
15K
RVC
C5
0µ1
R4
50k
R5 50k
R3
50k
12k
R2
50k
C3
0µ1
C2
3n9
- A
- B
13
6
2
1
7
6
R1
68k
RECTIFIER
2xVB=2.6V
RE
100
VB
RTH=
CHP
(Normally not
connected)
4
1k82
All resistors in ohms, all capacitors in farads unless otherwise stated.
MIC
+
REC
+
+
-
VOLUME
CONTROL
1
5
11
2
3
4
6
7
8
9
10
BAT
ED1913
EK3024
100
Ω
Fig. 3 Typical Hearing Instrument Assembly Diagram
Fig. 4 Characterization Circuit (used to generate typical curves)
(Equivalent RMS pink noise used as V
IN
for all frequency responses)
∞



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com