Electronic Components Datasheet Search
  English  ▼

X  

GS3011 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GS3011
Description  DynamEQ I Dynamic Equalizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS3011 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS3011 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
• handles high input levels (up to 100 mVRMS)
cleanly
• low THD and IMD distortion
• unique twin average detectors
• dual channel signal processing
• adjustable AGC threshold levels
• highpass filter with adjustable corner frequency
• 2:1 compression of high frequencies
• no external capacitors or resistors required
STANDARD PACKAGING
• Hybrid typical dimensions
0.260 in x 0.150 in x 0.120 in
(6.6 mm x 3.81 mm x 3.05 mm)
DynamEQ® I
Dynamic Equalizer
GS3011 - HYB DATA SHEET
4
5
10
- C
11
D
+
-
+
-
24k
0.92V
8
GND
VB
VREG
7
C1
2
µ2
C7
2
µ2
C6
0
µ1
R7
100k
R6
100K
15
1
14
16
2
REGULATOR
SLOW
AVERAGE
DETECTOR
FAST
AVERAGE
DETECTOR
3
8
5
17
RTH
R1
68k
CURRENT
REFERENCE
2:1
COMPRESSION
CONTROL
9
12
C4
0
µ1
GS3011
RE
340
CHP
DOUT
11
3
AIN
9
MGND
10
VC2
VC1
C5
0
µ1
R4
50k
R5 50k
R3
50k
12k
R2
50k
C3
0
µ1
C2
3n9
- A
- B
13
6
2
4
1
7
6
11
RECTIFIER
VB
GC514
All resistors in ohms, all capacitors in farads unless otherwise stated.
Patent Pending.
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION
The DynamEQ® I hybrid is a dynamically adaptive loudness
growth equalizer.
Its gain and frequency response is
dependent on the user's environment, and is designed for
level dependant frequency response providing
treble
increase at low levels (TILL). The unique twin averaging
detector circuit dramatically reduces pumping effects and
is optimized for mild to moderate hearing loss.
DynamEQ® I has
two signal paths for dual channel
processing incorporating 4 amplifying stages ( A, B,
C, D ) and the AGC processing circuit.
Stage A is a highpass channel with 2:1 compression, stage
B is a wideband unity gain buffer. The sum of the two paths
gives a high frequency boost to low level signals, which
gradually compresses to a flat response at high input
levels. Stage C is used for volume control adjustment,
while stage D is a class A power amplifier with receiver
bias current adjustment.
Revision Date: May 1998
Document No. 520 - 66 - 07
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3 tel. +1 (905) 632-2996
Web Site: www.gennum.com
E-mail: hipinfo@gennum.com


Similar Part No. - GS3011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS3010 ETC-GS3010 Datasheet
89Kb / 5P
Hybrid with LS509 Amplifier
logo
Gennum Corporation
GS3013 GENNUM-GS3013 Datasheet
93Kb / 7P
Linear Class H Current Manager Hybrid
GS3015 GENNUM-GS3015 Datasheet
84Kb / 5P
V.C. Preamp Hybrid for Class D
logo
GTM CORPORATION
GS3018 GTM-GS3018 Datasheet
340Kb / 4P
N-CHANNEL MOSFET
GS3018K GTM-GS3018K Datasheet
295Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GS3011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
GRAPHIC EQUALIZER
logo
Sony Corporation
CXA1298 SONY-CXA1298 Datasheet
293Kb / 13P
equalizer AMP
logo
List of Unclassifed Man...
LA3110 ETC-LA3110 Datasheet
178Kb / 4P
EQUALIZER AMP
GS3023 ETC1-GS3023 Datasheet
153Kb / 7P
CIC Size DynamEQ I Dynamic Equalizer - Class D
logo
Gennum Corporation
GS3020 GENNUM-GS3020 Datasheet
131Kb / 6P
Dynamic Equalizer
logo
List of Unclassifed Man...
EF2A51A ETC2-EF2A51A Datasheet
58Kb / 1P
Equalizer
logo
KR Electronics, Inc.
2981 KR-2981 Datasheet
60Kb / 2P
Equalizer
3069 KR-3069 Datasheet
60Kb / 2P
Equalizer
3075 KR-3075 Datasheet
46Kb / 2P
Equalizer
3141 KR-3141 Datasheet
53Kb / 2P
Equalizer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com