Electronic Components Datasheet Search
  English  ▼

X  

GS3011 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GS3011
Description  DynamEQ I Dynamic Equalizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GS3011 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  GS3011 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS3011 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
520 - 66 - 07
6
-90
-80
-70
-60
-50
-40
-30
-20
INPUT LEVEL (dBV)
Fig. 11 THD & Noise vs Input Level
10
1
0.1
0.01
CHP=0.1µF
100
1k
5k
FREQUENCY (Hz)
Fig. 12 THD & Noise vs Frequency
CHP=0.1
µF
VIN=-40dBV
10
1
0.1
0.01
0.01
-100
-90
-80
-70
-60
-50
-40
-30
-20
INPUT LEVEL (dBV)
Fig. 13 Intermodulation Distortion (CCIF)
vs Input Level
Fig. 14 Intermodulation Distortion (CCIF)
vs Frequency
1
0.1
0.01
CHP=0.1µF
∆ ƒ=200Hz
ƒ=4kHz
CHP=0.1
µF
∆ ƒ=200Hz
0.1
No Capacitor
No Capacitor
No Capacitor
VIN=-40dBV
No Capacitor
1
1k
10k
100k
FREQUENCY (Hz)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com