Electronic Components Datasheet Search
  English  ▼

X  

SVRGA0508S/K Datasheet(PDF) 3 Page - VPT, Inc.

Part # SVRGA0508S/K
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S/K Datasheet(HTML) 3 Page - VPT, Inc.

  SVRGA0508S/K Datasheet HTML 1Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 2Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 3Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 4Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 5Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 6Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 7Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 8Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRGA0508S - 5.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 3
SVRGA0508S Series
3.2 PERFORMANCE SPECIFICATIONS1
Tcase = -55 °C to +125 °C, Vin = +5 V ± 1%, Full Load, Unless Otherwise Specified
SVRGA0508S
Parameter
Conditions
Min
Typ
Max
Units
INPUT
Voltage4
Vout = 0.8 V to 2.5 V
3.6
-
7.0
V
Vout = 2.6 V to 3.3 V
4.4
-
7.0
V
Current
INH < 1.5 V
-
28
35
mA
No Load
-
100
200
mA
Undervoltage Lockout4,5
Turn-On
-
3.0
-
V
Turn-Off
-
2.7
-
V
OUTPUT STATIC
Voltage
Tcase = 25 °C
-1.0
-
+1.0
%Vout
Tcase = -55 °C to +125 °C
-1.5
-
+1.5
%Vout
Power2
0
-
20
W
Current
Vout = 0.8 V to 2.5 V
0
-
8
A
Vout = 2.6 V to 3.3 V
0
-
6
A
Ripple Voltage
20 Hz to 10 MHz
-
35
100
mVpp
Load Regulation
No Load to Full Load
-
4
30
mV
Load Fault Power Dissipation
Vout = 3.3 V
-
-
3
W
OUTPUT DYNAMIC
Load Step, Half to Full Load, Vout = 3.3 V
Output Transient
-
25
150
mV
Recovery3
-
20
100
µs
Turn-On, Vin = 0 to 5 V
Delay
-
7
12
ms
Overshoot
-
1
20
mVpk
FUNCTION
INH Pin Input4
Output Inhibited
0
-
1.5
V
INH Pin Open Circuit Voltage4
Output Enabled
-
4.7
Vin
V
GENERAL
Efficiency
Vout = 2.5 V, Iout = 8 A
84
87
-
%
Vout = 3.3 V, Iout = 6 A
88
91
-
%
Capacitive Load4
Vout ≤ 2.5V
-
-
2500
µF
Vout > 2.5V
-
-
1200
µF
Switching Frequency
200
250
315
kHz
Isolation
Any pin to case, 500 V DC
100
-
-
MΩ
Weight
Standard package option
-
-
16
g
MTBF (MIL-HDBK-217F)
SF @ Tcase = 55 °C
-
6.852
-
MHr
POST-RAD END-OF-LIFE LIMITS6
OUTPUT Voltage
Tcase = -55 °C to +125 °C
-3.0
-
+3.0
%Vout
Switching Frequency
Tcase = -55 °C to +125 °C, Vin = 5 V
190
-
325
kHz
Tcase = -55 °C to +125 °C, Vin = 3.6 V – 7 V
185
-
350
kHz
1. Performance specifications are met with 220 µF from
VIN to COM and 220 µF from VOUT to COM
2. Dependent on output voltage
3. Time for output voltage to settle within 1% of steady-state value
4. Verified by initial electrical design verification. Post design
verification, parameter shall be guaranteed to the limits
specified
5. Output voltage not necessarily in regulation
6. End-of-Life performance includes aging and radiation
degradation and is within standard limits except where noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com