Electronic Components Datasheet Search
  English  ▼

X  

SVRGA0508S/K Datasheet(PDF) 10 Page - VPT, Inc.

Part # SVRGA0508S/K
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S/K Datasheet(HTML) 10 Page - VPT, Inc.

Back Button SVRGA0508S/K Datasheet HTML 3Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 4Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 5Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 6Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 7Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 8Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 9Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 10Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 11Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRGA0508S - 5.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 10
SVRGA0508S Series
8.0 STANDARD MICROCIRCUIT DRAWING (SMD) NUMBERS
Standard Microcircuit
Drawing Number
SVRGA0508S Series
Similar Part Number
5962R1321701HXC
5962R1321701HXA
5962R1321701KXC
5962R1321701KXA
SVRGA0508S/H+
SVRGA0508S/H+-E
SVRGA0508S/K
SVRGA0508S/K-E
Do not use the SVRGA0508S Series similar part number for SMD product acquisition. It is listed for reference only. For exact
specifications for the SMD product, refer to the SMD drawing. SMDs can be downloaded from the DLA Land and Maritime (Previously
known as DSCC) website at https://landandmaritimeapps.dla.mil/programs/defaultapps.asp. The SMD number listed above represents
the Federal Stock Class, Device Type, Device Class Designator, Case Outline, Lead Finish and RHA Designator (where applicable).
Please reference the SMD for other screening levels, lead finishes, and radiation levels. All SMD products are marked with a “Q” on the
cover as specified by the QML certification mark requirement of MIL-PRF-38534.
9.0 ORDERING INFORMATION
SVRGA
05
08
S
/K
-
XXX
1
2
3
4
5
6
(1)
Product
Series
(2)
Nominal Input
Voltage
(3)
Output Current
(4)
Number of
Outputs
(5)
Screening Code1,2,3
(6)
Additional
Screening
Code
SVRGA
05 5 Volts
08 8 Amps
S Single
/EM
/H+
/K
Engineering Model
Class H + PIND
Class K
Contact Sales
1 Contact the VPT Sales Department for availability of Class H (/H) or Class K (/K) qualified products
2 VPT Inc. reserves the right to ship higher screened or SMD products to meet lower screened orders at our sole discretion unless specifically forbidden by customer
contract
3 Engineering models utilize only the standard screening specified and are not considered compliant for flight use. These models are intended for low volume engineering
characterization only and have no guarantee regarding operation in a radiation environment. The customer must place the following statement on each line item of their
purchase order(s) for /EM units when ordering engineering models:
“(Customer Name) acknowledges that the /EM unit listed in this line item is not permitted for flight use and will be used for Engineering characterization only.”
Please contact your sales representative or the VPT Inc. Sales Department for more information concerning additional environmental
screening and testing, different input voltage, output voltage, power requirements, source inspection, and/or special element evaluation
for space or other higher quality applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com