Electronic Components Datasheet Search
  English  ▼

X  

SVRGA0508S/K Datasheet(PDF) 6 Page - VPT, Inc.

Part # SVRGA0508S/K
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S/K Datasheet(HTML) 6 Page - VPT, Inc.

Back Button SVRGA0508S/K Datasheet HTML 2Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 3Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 4Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 5Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 6Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 7Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 8Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 9Page - VPT, Inc. SVRGA0508S/K Datasheet HTML 10Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRGA0508S - 5.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 6
SVRGA0508S Series
6.0 TECHNICAL NOTES
Please note that many of these functions are also demonstrated in detail on the VPT website in the
form of technical video labs.
6.1 GENERAL INFORMATION
6.1.1 Topology Description
The SVRGA0508S Series is a non-isolated, fixed-frequency, radiation-hardened, synchronous buck converter. It operates from a 5 V
input and provides a stepped-down, precisely regulated, programmable output voltage at very-high efficiency. The SVRGA0508S is
optimized for low voltage point of load applications.
6.1.2 External Components
The SVRGA0508S Series has internal input and output capacitors. For best performance under transient conditions, an additional
220 µF tantalum input decoupling capacitor is recommended. The SVRGA0508S is stable with no load capacitance. However for
optimum performance under worst-case conditions, a minimum output capacitance of 220 µF is assumed. This minimum output
capacitance requirement is usually met with distributed load capacitance. Additional output capacitance is allowed up to the maximum
listed in Section 3.2.
6.1.3 Source Impedance
The impedance of the 5 V input source can interact with the point of load converter and can affect performance. High source
impedance is often caused by a long input cable or other components added in series with the input. In some cases, additional input
capacitance will be needed to stabilize the system.
6.2 FUNCTION DESCRIPTIONS
6.2.1 On/Off Control (Inhibit)
The INH (Inhibit) pin is a control pin referenced to COM. The INH pin must be driven
using an open-collector or open-drain configuration. Pulling the INH pin low disables
the converter output. Leaving INH open enables the output, allowing the converter to
operate normally. The pin must be pulled below 1.5 V to disable the output. An
optional capacitor from INH to INCOM may be used to delay turn-on. The INH pin
should be left open if not used.
2
COM
3
INH
1
+VIN
OPTIONAL
CAPACITOR
47K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com