Electronic Components Datasheet Search
  English  ▼

X  

SVRFL2805DF/K Datasheet(PDF) 9 Page - VPT, Inc.

Part # SVRFL2805DF/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRFL2805DF/K Datasheet(HTML) 9 Page - VPT, Inc.

Back Button SVRFL2805DF/K Datasheet HTML 5Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 6Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 7Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 8Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 9Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 10Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 11Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 12Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 13Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRFL2800D - 10.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 9
SVRFL2800D Series
The INH2 (Inhibit 2) pin is a secondary-side control pin referenced to OUTCOM. The INH2 pin must also be driven in an open collector
or open drain configuration. Pulling INH2 low to OUTCOM disables the converter output. Internal control circuits, however, remain
active. The pin must be pulled below 1.0 V to disable the output. The INH2 pin should be left open if not used.
6.2.2 Adjusting the Output Voltage (TRIM)
The output voltage set point of the converter can be adjusted using the TRIM pin.
To adjust the output up, connect the trim resistor from TRIM to OUTCOM. To
adjust the output down, connect the trim resistor from TRIM to +VOUT. The
maximum trim range is -20% and +10% from nominal. The appropriate resistor
values versus the output voltage are given in the table below. Because the TRIM
pin can be sensitive to external noise, the trim resistor should be physically
located close to the SVRFL converter with short interconnects. The TRIM pin
should be left open if not used. When adjusting the output voltage, do not exceed
the rated total output power or output current.
SVRFL2805D
SVRFL2812D
SVRFL2815D
+Vout (V)
Rtrim
(Ω)
+ Vout (V)
Rtrim
(Ω)
+ Vout (V)
Rtrim
(Ω)
5.5
35k
13.2
5.8k
16.50
1.7k
5.4
47.5k
13.0
10k
16.25
5k
5.3
68.3k
12.8
16.2k
16.00
10k
5.2
110k
12.6
26.6k
15.75
18.3k
5.1
235k
12.4
47.3k
15.50
35k
5.0
12.2
109k
15.25
85k
4.9
225k
12.0
15.00
4.8
100k
11.8
454k
14.75
475k
4.7
58.3k
11.6
213k
14.50
225k
4.6
37.5k
11.4
134k
14.25
142k
4.5
25k
11.2
94k
14.00
100k
4.4
16.7k
11.0
70.1k
13.75
75k
4.3
10.7k
10.8
54.3k
13.50
58.3k
4.2
6.3k
10.6
42.9k
13.25
46.4k
4.1
2.8k
10.4
34.4k
13.00
37.5k
4.0
0
10.2
27.8k
12.75
30.6k
10.0
22.5k
12.50
25k
9.8
18.2k
12.25
20.5k
9.6
14.6k
12.00
16.7k
6.2.3 Frequency Synchronization (SYNCIN, SYNCOUT)
The SVRFL2800D Series will free run at a switching frequency of approximately 550 kHz, which has been set for optimum converter
performance. Frequency synchronization is not necessary unless required by system constraints. The SVRFL2800D Series provides a
frequency synchronization input (SYNCIN) and output (SYNCOUT), both referenced to INCOM.
The SYNCIN pin can be driven by an external clock or by the SYNCOUT pin of another SVRFL converter. The internal clock and
internal power train will operate at the frequency applied to the SYNCIN pin. The SYNC IN pin should be driven with a TTL type 5 V
square wave signal. The duty cycle of the square wave should be between 20% and 80%. The SYNCIN pin is internally capacitively-
coupled and the internal load is equivalent to 220 pF. Proper layout and circuit techniques are necessary to prevent noise from being
injected into this pin. Synchronized converters should located physically close together and share a low impedance INCOM connection.
The SYNCIN pin can be left open or connected to INCOM if not used.
The SYNCOUT pin provides a 5 V quasi-square wave output at either the SYNCIN frequency or the free-running frequency if SYNCIN
is not used. The SYNCOUT of a SVRFL can be connected to the SYNCIN pin of a second SVRFL to synchronize its switching
frequency to that of the first SVRFL. Similarly, the SYNCOUT of the second SVRFL can be connected to SYNCIN of a third SVRFL.
Subsequent SVRFL converters can be connected in this daisy chain arrangement as shown in the figure. SYNCOUT should be left
open if not used.
+
-
+
-
2.5V
Ri
10K
Rt
TRIM
10
(TRIM DOWN)
Rtrim
(TRIM UP)
Rtrim
+VOUT
7
OUTCOM
8
-VOUT
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com