Electronic Components Datasheet Search
  English  ▼

X  

SVRFL2805DF/K Datasheet(PDF) 10 Page - VPT, Inc.

Part # SVRFL2805DF/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRFL2805DF/K Datasheet(HTML) 10 Page - VPT, Inc.

Back Button SVRFL2805DF/K Datasheet HTML 6Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 7Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 8Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 9Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 10Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 11Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 12Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 13Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 14Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRFL2800D - 10.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 10
SVRFL2800D Series
6.2.4 Parallel Operation (SHARE)
The SVRFL2800D Series provides a SHARE function for active current sharing among paralleled modules. For the dual output model,
the SHARE function is only applicable in the single-ended output configuration (see section 6.1.4) where no current is drawn from the
OUTCOM pin. To enable load sharing, connect a single wire between the SHARE pins of all parallel modules. The SHARE pin can be
noise sensitive. Paralleled converters should be located physically close to one another and share a low impedance OUTCOM
connection. A symmetrical layout of the output traces will improve share accuracy. Frequency synchronization is not required for
parallel operation. The SHARE pin should be left open if not used.
6.3 PROTECTION FEATURES
6.3.1 Input Undervoltage Lockout
The SVRFL2800D Series provides input undervoltage lockout protection. For input voltages below the turn-on voltage, the converter
will remain off, drawing minimal current from the source. When the input voltage exceeds the turn-on voltage, the converter will start.
The lockout circuit is designed to tolerate slow ramping input voltage waveforms. VPT’s proprietary magnetic feedback technology
provides bias voltage to all secondary control circuits and control amplifiers before the output starts, ensuring a well-controlled start up
sequence.
2
INCOM
4
INH1
1
28VIN
7
+VOUT
8
OUTCOM
+
-
28Vdc
12
28VOUT
7
OUTCOM
1
28VIN
6
INCOM
CASE
-VOUT
9
SYNCIN
6
28VIN
2
28VIN
3
INCOM
4
INCOM
5
28VOUT
11
28VOUT
10
OUTCOM
9
OUTCOM
8
SVRME28 EMI FILTER
SVRFL2800D DC-DC CONVERTER
CASE
5
SYNCOUT
11
SHARE
2
INCOM
4
INH1
1
28VIN
7
+VOUT
8
OUTCOM
-VOUT
9
SYNCIN
6
SVRFL2800D DC-DC CONVERTER
CASE
5
SYNCOUT
11
SHARE
2
INCOM
4
INH1
1
28VIN
7
+VOUT
8
OUTCOM
-VOUT
9
SYNCIN
6
SVRFL2800D DC-DC CONVERTER
CASE
11
SHARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com