Electronic Components Datasheet Search
  English  ▼

X  

SVRFL2805DF/K Datasheet(PDF) 11 Page - VPT, Inc.

Part # SVRFL2805DF/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRFL2805DF/K Datasheet(HTML) 11 Page - VPT, Inc.

Back Button SVRFL2805DF/K Datasheet HTML 7Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 8Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 9Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 10Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 11Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 12Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 13Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 14Page - VPT, Inc. SVRFL2805DF/K Datasheet HTML 15Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRFL2800D - 10.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 11
SVRFL2800D Series
6.3.2 Output Soft Start
The SVRFL2800D Series utilizes an output soft-start function to ramp the output in a controlled manner, eliminating output voltage
overshoot and limiting inrush current at turn on. A voltage-mode soft-start ensures the output waveform remains consistent regardless
of changes in the load current. The output rise time is approximately 4 ms. The soft-start function is active whether the module is turned
on with an application of input voltage or from release of the inhibit pin. Under normal conditions, current drawn from the source during
turn on will not exceed the full load input current. The turn-on delay time is specified from the application of input voltage (or release of
the inhibit pin) until the output reaches 90% of its final value.
6.3.3 Output Overcurrent Protection
The SVRFL2800D Series provides output overcurrent and output short circuit protection. During a load fault condition, a constant output
current control circuit reduces the converter duty cycle to limit the total output current to approximately 125% its rated value. The
current limit protection circuit limits the sum of output currents in both +Vout and -Vout. It does not distinguish if the current is on the
positive or negative output. The converter will continue to provide constant current into any overload or short circuit condition. This
feature allows the converter to start into any capacitive load. Recovery is automatic and immediate upon removal of the fault condition.
Sustained short circuit or overload operation can cause excessive power dissipation. Care should be taken to control the operating
temperature of the converter in this condition.
6.4 THERMAL CONSIDERATIONS
The SVRFL2800D Series is rated for full power operation at 125 °C. Operation above 125 °C is allowed at reduced power. Specifically,
the output power should be derated linearly from full power at 125 °C to half power at 130 °C and to zero power at 135 °C. The
operating temperature of the converter is specified on the baseplate of the converter. The converter is designed to be conduction-
cooled, with the baseplate mounted to a heat sink, chassis, PCB or other thermal surface. The internal power dissipating components
are mounted to the baseplate of the converter and all heat flow is through the baseplate and mounting flanges. The lid of the converter
does not provide a good thermal path.
The hybrid DC-DC converter contains many semiconductor components. The maximum temperature rise from junction to case is
20 °C at full load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com