Electronic Components Datasheet Search
  English  ▼

X  

SVRFL2805S/K Datasheet(PDF) 3 Page - VPT, Inc.

Part # SVRFL2805S/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRFL2805S/K Datasheet(HTML) 3 Page - VPT, Inc.

  SVRFL2805S/K Datasheet HTML 1Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 2Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 3Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 4Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 5Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 6Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 7Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 8Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRFL2800S - 11.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 3
SVRFL2800S Series
3.2 PERFORMANCE SPECIFICATIONS
Tcase = -55 °C to +125 °C, Vin = +28 V ± 5%, Full Load, Unless Otherwise Specified
SVRFL283R3S
SVRFL2805S
Parameter
Conditions3
Min
Typ
Max
Min
Typ
Max
Units
INPUT
Voltage2
Continuous
18
28
405
18
28
405
V
Transient, 1 sec2
-
-
50
-
-
50
V
Current
INH 1 < 1.5 V
-
3.5
8
-
3.5
8
mA
INH 2 < 1 V
-
30
70
-
30
70
mA
No Load
-
55
120
-
65
120
mA
Ripple Current
20 Hz to 10 MHz
-
40
150
-
60
180
mApp
Undervoltage Lockout
Turn-On
14.5
16
17.5
14.5
16
17.5
V
Turn-Off2
13
15
17
13
15
17
V
OUTPUT STATIC
Voltage
Tcase = 25 °C
3.267
3.3
3.333
4.95
5
5.05
V
Tcase = -55 °C to +125 °C
3.25
3.3
3.35
4.9
5
5.1
V
Power
0
-
66
0
-
100
W
Current
0
-
20
0
-
20
A
Ripple Voltage
20 Hz to 10 MHz
-
20
80
-
20
80
mVpp
Line Regulation
Vin = 18 V to 40 V
-
1
20
-
1
20
mV
Load Regulation
No Load to Full Load
-
2
80
-
1
100
mV
Load Fault Power Dissipation
Overload2
-
-
50
-
-
50
W
Short Circuit
-
-
50
-
-
50
W
OUTPUT DYNAMIC
Load Step, Half to Full Load
Output Transient
-
350
600
-
360
600
mVpk
Recovery1
-
350
500
-
300
500
µs
Line Step2, Vin = 18V to 40 V
Output Transient
-
200
800
-
200
800
mVpk
Recovery1
-
280
500
-
300
500
µs
Turn-On, Vin = 0 to 28 V
Delay
-
5
20
-
5
20
ms
Overshoot
-
2
15
-
2
25
mVpk
FUNCTION
INH 1 Pin Input2
Output Inhibited
0
-
1.5
0
-
1.5
V
INH 2 Pin Input2
Output Inhibited
0
-
1
0
-
1
V
INH 1 Pin Open Circuit Voltage2
Output Enabled
9
-
15
9
-
15
V
INH 2 Pin Open Circuit Voltage2
Output Enabled
4
-
12
4
-
12
V
Voltage Trim Range
-10
-
10
-20
-
10
%
SHARE Pin Voltage2
2
-
4
2
-
4
V
SYNC Frequency Range
500
-
600
500
-
600
kHz
GENERAL
Efficiency
69
74
-
73
78
-
%
Capacitive Load2
-
-
1000
-
-
1000
µF
Switching Frequency
450
525
550
450
525
550
kHz
Isolation
500 V DC, Tcase = 25 °C
100
-
-
100
-
-
MΩ
Weight
Standard package option
-
-
86
-
-
86
g
MTBF (MIL-HDBK-217F)4
SF, Class K @ Tcase = 55 °C
-
2.47
-
-
2.47
-
MHr
1. Time for output voltage to settle within 1% of steady-state value
2. Verified by initial electrical design verification. Post design verification,
parameter shall be guaranteed to the limits specified
3. End-of-Life performance includes aging and radiation degradation and is within
standard limits except where noted
4. Correction factor of 0.12 added to ceramic capacitors
5. 37.5 V Max continuous to be compliant to MIL-HDBK-1547 and Aerospace
TOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com