Electronic Components Datasheet Search
  English  ▼

X  

SVRFL2805S/K Datasheet(PDF) 9 Page - VPT, Inc.

Part # SVRFL2805S/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRFL2805S/K Datasheet(HTML) 9 Page - VPT, Inc.

Back Button SVRFL2805S/K Datasheet HTML 5Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 6Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 7Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 8Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 9Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 10Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 11Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 12Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 13Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRFL2800S - 11.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 9
SVRFL2800S Series
6.2.2 Adjusting the Output Voltage (TRIM)
The output voltage set point of the converter can be adjusted using the TRIM pin. To
adjust the output up, connect the trim resistor from TRIM to OUTCOM. To adjust the
output down, connect the trim resistor from TRIM to +VOUT. The maximum trim
range is -20% and +10% from nominal. The appropriate resistor values versus the
output voltage are given in the table below. Because the TRIM pin can be sensitive to
external noise, the trim resistor should be physically located close to the SVRFL
converter with short interconnects. The TRIM pin should be left open if not used.
When adjusting the output voltage, do not exceed the rated total output power or
output current.
SVRFL283R3S
SVRFL2805S
SVRFL2812S
SVRFL2815S
+Vout (V)
Rtrim
(Ω)
+ Vout
(V)
Rtrim
(Ω)
+ Vout
(V)
Rtrim
(Ω)
+ Vout
(V)
Rtrim
(Ω)
3.60
68.3k
5.5
35k
13.2
5.8k
16.50
1.7k
3.55
85k
5.4
47.5k
13.0
10k
16.25
5k
3.50
110k
5.3
68.3k
12.8
16.2k
16.00
10k
3.45
151.7k
5.2
110k
12.6
26.6k
15.75
18.3k
3.40
235k
5.1
235k
12.4
47.3k
15.50
35k
3.35
485k
5.0
12.2
109k
15.25
85k
3.30
4.9
225k
12.0
15.00
3.25
135k
4.8
100k
11.8
454k
14.75
475k
3.20
55k
4.7
58.3k
11.6
213k
14.50
225k
3.15
28.3k
4.6
37.5k
11.4
134k
14.25
142k
3.10
15k
4.5
25k
11.2
94k
14.00
100k
3.05
7k
4.4
16.7k
11.0
70.1k
13.75
75k
3.00
1.7k
4.3
10.7k
10.8
54.3k
13.50
58.3k
4.2
6.3k
10.6
42.9k
13.25
46.4k
4.1
2.8k
10.4
34.4k
13.00
37.5k
4.0
0
10.2
27.8k
12.75
30.6k
10.0
22.5k
12.50
25k
9.8
18.2k
12.25
20.5k
9.6
14.6k
12.00
16.7k
6.2.3 Remote Sense (+S, -S)
Remote sensing compensates for voltage drops in the output pins and traces by sensing and regulating directly at the load. The remote
sense function can compensate for up to a 10% voltage drop (5% in the positive lead and 5% in the negative lead). The sum of the
TRIM up and remote sense compensation cannot exceed 10% such that the voltage at the output terminals of the converter does not
exceed 110% of the nominal output voltage. If not used, the user should connect +S to +VOUT and –S to OUTCOM at the pins of the
converter.
6.2.4 Frequency Synchronization (SYNCIN, SYNCOUT)
The SVRFL2800S Series will free run at a switching frequency of approximately 525 kHz, which has been set for optimum converter
performance. Frequency synchronization is not necessary unless required by system constraints. The SVRFL2800S Series provides a
frequency synchronization input (SYNCIN) and output (SYNCOUT), both referenced to INCOM.
The SYNCIN pin can be driven by an external clock or by the SYNCOUT pin of another SVRTR converter. The internal clock and
internal power train will operate at the frequency applied to the SYNCIN pin. The SYNCIN pin should be driven with a TTL type 5 V
square wave signal. The duty cycle of the square wave should be between 20% and 80%. The SYNCIN pin is internally capacitively-
coupled and the internal load is equivalent to 220 pF. Proper layout and circuit techniques are necessary to prevent noise from being
injected into this pin. Synchronized converters should located physically close together and share a low impedance INCOM connection.
The SYNCIN pin can be left open or connected to INCOM if not used.
+
-
+
-
2.5V
Ri
30
10K
30
Rt
+VOUT
7
+S
10
TRIM
3
-S
9
OUTCOM
8
(TRIM DOWN)
Rtrim
(TRIM UP)
Rtrim



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com