Electronic Components Datasheet Search
  English  ▼

X  

SVRFL2805S/K Datasheet(PDF) 6 Page - VPT, Inc.

Part # SVRFL2805S/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRFL2805S/K Datasheet(HTML) 6 Page - VPT, Inc.

Back Button SVRFL2805S/K Datasheet HTML 2Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 3Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 4Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 5Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 6Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 7Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 8Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 9Page - VPT, Inc. SVRFL2805S/K Datasheet HTML 10Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRFL2800S - 11.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 6
SVRFL2800S Series
5.0 MECHANICAL OUTLINES AND PINOUT
Standard Package Option:
1. Tolerances are +0.005” unless otherwise stated
2. Case temperature is measured on the center of the baseplate surface
3. Mounting holes are not threaded. Recommended fastener is 4-40
4. Materials: Case (Steel, gold over nickel plated); Cover (Kovar, nickel plated); Pin (Copper-cored alloy 52, gold over nickel plated); Pin Seals (Glass)
Pin Function
Pin Function
Pin Function
Pin Function
1
28VIN
4
INH1
7
+VOUT
10
+S
2
INCOM
5
SYNCOUT
8
OUTCOM
11
SHARE
3
TRIM
6
SYNCIN
9
-S
12
INH2
2.500in 63.50mm
2.760in 70.10mm
3.005
MAX
76.33
0.120in 3.05mm
4X
0.128in±0.002
3.25mm±0.05
0.230in±0.010 5.84mm±0.25
0in 0mm
0.120in 3.05mm
0.130in 3.30mm
0.330in 8.38mm
0.530in 13.46mm
0.730in 18.54mm
0.930in 23.62mm
1.130in 28.70mm
1.260in 32mm
0.050in 1.27mm
0.220in 5.59mm
0.400in 10.16mm MAX
12X PIN
0.040in±0.002
1.02mm±0.05
12X SEAL
0.100in±0.002
2.54mm±0.05
BASEPLATE
SURFACE
(BOTTOM)
1
2
3
4
5
6
7
8
9
10
11
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com