Electronic Components Datasheet Search
  English  ▼

X  

ADS5545 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5545
Description  14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5545 Datasheet(HTML) 1 Page - Texas Instruments

  ADS5545 Datasheet HTML 1Page - Texas Instruments ADS5545 Datasheet HTML 2Page - Texas Instruments ADS5545 Datasheet HTML 3Page - Texas Instruments ADS5545 Datasheet HTML 4Page - Texas Instruments ADS5545 Datasheet HTML 5Page - Texas Instruments ADS5545 Datasheet HTML 6Page - Texas Instruments ADS5545 Datasheet HTML 7Page - Texas Instruments ADS5545 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
CLKP
CLKM
INP
INM
VCMOUT/
REFIN
PLL
SH
14-Bit ADC
REFERENCE
CLKOUT
OVR
D13−D0
IN CMOS MODE
DIGITAL
ENCODER
CONTROL I/F
ADS5545
SLWS180 – SEPTEMBER 2005
14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
•
Wireless Communication
•
Maximum Sample Rate: 170 MSPS
•
Software Defined Radio
•
14-Bit Resolution
•
Power Amplifier Linearization
•
No Missing Codes
•
802.16d/e
•
Power Dissipation
•
Test and Measurement Instrumentation
– Core Power: 1 W
•
High Definition Video
– Total Power: 1.22 W
•
Medical Imaging
•
Internal Sample and Hold
•
Radar Systems
•
73.5-dBFS SNR at 70-MHz IF
•
85-dBc SFDR at 70-MHz IF
•
Parallel CMOS and LVDS Output Options
•
Internal Reference, External Reference
Support
•
3.3-V Analog and Digital Supply
•
48-Pin QFN Package (7 mm
× 7 mm)
The ADS5545 is a high performance 14-bit 170-MSPS ADC. Using an internal sample and hold and low jitter
clock buffer this ADC supports high SNR and high SFDR at high IF. With programmable options for parallel
CMOS and LVDS outputs, this device is available in a compact 48-pin QFN package. The device provides
internal references or can optionally be driven with an external reference. The device is specified over a –40
°C to
85
°C operating range.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the
Copyright © 2005, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - ADS5545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5545 TI-ADS5545 Datasheet
1Mb / 57P
12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
1Mb / 57P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
1Mb / 54P
11-BIT, 200 MSPS ADC
ADS5545 TI1-ADS5545 Datasheet
2Mb / 59P
14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545IRGZT TI1-ADS5545IRGZT Datasheet
2Mb / 59P
14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results

Similar Description - ADS5545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5546 TI-ADS5546 Datasheet
1Mb / 50P
14-BIT, 190 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547_07 Datasheet
1Mb / 57P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6142-HT TI1-ADS6142-HT Datasheet
970Kb / 49P
14-BITS, 65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5525 TI1-ADS5525_14 Datasheet
2Mb / 59P
12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI1-ADS5545_13 Datasheet
2Mb / 59P
14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com