Electronic Components Datasheet Search
  English  ▼

X  

ADS5545 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5545
Description  14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5545 Datasheet(HTML) 3 Page - Texas Instruments

  ADS5545 Datasheet HTML 1Page - Texas Instruments ADS5545 Datasheet HTML 2Page - Texas Instruments ADS5545 Datasheet HTML 3Page - Texas Instruments ADS5545 Datasheet HTML 4Page - Texas Instruments ADS5545 Datasheet HTML 5Page - Texas Instruments ADS5545 Datasheet HTML 6Page - Texas Instruments ADS5545 Datasheet HTML 7Page - Texas Instruments ADS5545 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.ti.com
ADS5545
SLWS180 – SEPTEMBER 2005
ELECTRICAL CHARACTERISTICS (continued)
Typical values at 25
°C, min, max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD = DRVDD
= 3.3 V, sampling rate = 170 MSPS, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, LVDS
data output (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
ICC
Total supply current
FIN = TBD
369
mA
IAVDD
Analog supply current
FIN = TBD
315
mA
LVDS mode, FIN = TBD, CL = 5 pF
54
mA
IDRVDD
Digital supply current
CMOS mode, FIN = TBD, CL = 5 pF
70
mA
Total power dissipation
LVDS mode, FIN = TBD
1.22
W
Power down dissipation
Clock running
TBD
mW
REFERENCE VOLTAGES
VREFB
Reference bottom
0.5
V
VREFT
Reference top
2.5
V
VCM
Common mode voltage (internal)
1.5
V
VCM output current
±4
mA
ANALOG INPUT
Differential input capacitance
7
pF
Analog input common mode range
VCM
± 0.1
V
Differential input voltage range
2
Vpp
Analog input bandwidth
–3 dB, source impedance 50
Ω
400
MHz
DYNAMIC AC CHARACTERISTICS
FIN = 10 MHz
90
SFDR
Spurious free dynamic range
FIN = 70 MHz
85
dBc
FIN = 150 MHz
84
FIN = 10 MHz
74
SNR
Signal-to-noise ratio
FIN = 70 MHz
73.5
dBFS
FIN = 150 MHz
72
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com