Electronic Components Datasheet Search
  English  ▼

X  

BC557C Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC557C
Description  Amplifier Transistors(PNP Silicon)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC557C Datasheet(HTML) 1 Page - ON Semiconductor

  BC557C Datasheet HTML 1Page - ON Semiconductor BC557C Datasheet HTML 2Page - ON Semiconductor BC557C Datasheet HTML 3Page - ON Semiconductor BC557C Datasheet HTML 4Page - ON Semiconductor BC557C Datasheet HTML 5Page - ON Semiconductor BC557C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Amplifier Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
BC
556
BC
557
BC
558
Unit
Collector – Emitter Voltage
VCEO
–65
–45
–30
Vdc
Collector – Base Voltage
VCBO
–80
–50
–30
Vdc
Emitter – Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–100
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watt
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = –2.0 mAdc, IB = 0)
BC556
BC557
BC558
V(BR)CEO
–65
–45
–30
—
—
—
—
—
—
V
Collector – Base Breakdown Voltage
(IC = –100 µAdc)
BC556
BC557
BC558
V(BR)CBO
–80
–50
–30
—
—
—
—
—
—
V
Emitter – Base Breakdown Voltage
(IE = –100 mAdc, IC = 0)
BC556
BC557
BC558
V(BR)EBO
–5.0
–5.0
–5.0
—
—
—
—
—
—
V
Collector–Emitter Leakage Current
(VCES = –40 V)
BC556
(VCES = –20 V)
BC557
BC558
(VCES = –20 V, TA = 125°C)
BC556
BC557
BC558
ICES
—
—
—
—
—
—
–2.0
–2.0
–2.0
—
—
—
–100
–100
–100
–4.0
–4.0
–4.0
nA
µA
Order this document
by BC556/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC556,B
BC557A,B,C
BC558B
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR
1
2
BASE
3
EMITTER


Similar Part No. - BC557C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC557C MOTOROLA-BC557C Datasheet
220Kb / 6P
Amplifier Transistors
logo
NXP Semiconductors
BC557C PHILIPS-BC557C Datasheet
47Kb / 8P
PNP general purpose transistors
1999 Apr 15
logo
Boca Semiconductor Corp...
BC557C BOCA-BC557C Datasheet
58Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Diotec Semiconductor
BC557C DIOTEC-BC557C Datasheet
144Kb / 2P
Si-Epitaxial PlanarTransistors
logo
ON Semiconductor
BC557C ONSEMI-BC557C Datasheet
107Kb / 8P
Amplifier Transistors
June, 2000 ??Rev. 1
More results

Similar Description - BC557C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
Amplifier Transistors PNP Silicon
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
AMPLIFIER TRANSISTORS PNP SILICON
BD526 MOTOROLA-BD526 Datasheet
83Kb / 2P
PNP SILICON AMPLIFIER TRANSISTORS
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
Amplifier Transistors PNP Silicon
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
PNP SILICON AMPLIFIER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com