Electronic Components Datasheet Search
  English  ▼

X  

BC557C Datasheet(PDF) 4 Page - ON Semiconductor

Part # BC557C
Description  Amplifier Transistors(PNP Silicon)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC557C Datasheet(HTML) 4 Page - ON Semiconductor

  BC557C Datasheet HTML 1Page - ON Semiconductor BC557C Datasheet HTML 2Page - ON Semiconductor BC557C Datasheet HTML 3Page - ON Semiconductor BC557C Datasheet HTML 4Page - ON Semiconductor BC557C Datasheet HTML 5Page - ON Semiconductor BC557C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC556,B BC557A,B,C BC558B
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
BC556
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
Figure 8. “On” Voltage
IC, COLLECTOR CURRENT (mA)
–0.8
–1.0
–0.6
–0.2
–0.4
1.0
2.0
–0.1
–1.0
–10
–200
–0.2
0.2
0.5
–0.2
–1.0
–10
–200
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = –5.0 V
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
–1.0
–1.2
–1.6
–2.0
–0.02
–1.0
–10
0
–20
–0.1
–0.4
–0.8
–0.2
–2.0
–10
–200
–1.0
TJ = 25°C
IC =
–10 mA
VCE = –5.0 V
TA = 25°C
0
–0.5
–2.0
–5.0
–20
–50
–100
–0.05
–0.2
–0.5
–2.0
–5.0
–100 mA
–20 mA
–1.4
–1.8
–2.2
–2.6
–3.0
–0.5
–5.0
–20
–50
–100
–55
°C to 125°C
θVB for VBE
–2.0 –5.0
–20
–50 –100
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current–Gain – Bandwidth Product
IC, COLLECTOR CURRENT (mA)
–0.1 –0.2
–1.0
–50
2.0
–2.0
–10
–100
100
200
500
50
20
20
10
6.0
4.0
–1.0
–10
–100
VCE = –5.0 V
–0.5
–5.0
–20
TJ = 25°C
Cob
Cib
8.0
–50 mA
–200 mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com