Electronic Components Datasheet Search
  English  ▼

X  

BC557C Datasheet(PDF) 5 Page - ON Semiconductor

Part # BC557C
Description  Amplifier Transistors(PNP Silicon)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC557C Datasheet(HTML) 5 Page - ON Semiconductor

  BC557C Datasheet HTML 1Page - ON Semiconductor BC557C Datasheet HTML 2Page - ON Semiconductor BC557C Datasheet HTML 3Page - ON Semiconductor BC557C Datasheet HTML 4Page - ON Semiconductor BC557C Datasheet HTML 5Page - ON Semiconductor BC557C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC556,B BC557A,B,C BC558B
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 13. Thermal Response
t, TIME (ms)
1.0
2.0
5.0
1.0
0.5
0.2
0.1
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
20
50
10
200
500
100
1.0 k
2.0 k
5.0 k
10 k
Figure 14. Active Region — Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (V)
–200
–1.0
TA = 25°C
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
3 ms
TJ = 25°C
Z
θJC(t) = (t) RθJC
R
θJC = 83.3°C/W MAX
Z
θJA(t) = r(t) RθJA
R
θJA = 200°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
–100
–50
–10
–5.0
–2.0
–5.0
–10
–30 –45 –65
–100
1 s
BC558
BC557
BC556
The safe operating area curves indicate IC–VCE limits of the
transistor that must be observed for reliable operation. Collector load
lines for specific circuits must fall below the limits indicated by the
applicable curve.
The data of Figure 14 is based upon TJ(pk) = 150°C; TC or TA is
variable depending upon conditions. Pulse curves are valid for duty
cycles to 10% provided TJ(pk) ≤ 150°C. TJ(pk) may be calculated from
the data in Figure 13. At high case or ambient temperatures, thermal
limitations will reduce the power than can be handled to values less
than the limitations imposed by second breakdown.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com