| Electronic Components Datasheet Search |
|
AD7381 Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7381 Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 31 page ![]() Data Sheet AD7380/AD7381 Rev. 0 | Page 19 of 31 RESOLUTION BOOST The default conversion result output data size for the AD7380 is 16-bits and for the AD7381 is 14-bits. When the on-chip oversampling function is enabled, the performance of the ADC can exceed the 16-bit level for the AD7380 or the 14-bit level for the AD7381. To accommodate the performance boost achievable, it is possible to enable an additional two bits of resolution. If the RES bit in the CONFIGURATION1 register is set to Logic 1 and the AD7380/AD7381 are in a valid oversampling mode, the conversion result size for the AD7380 is 18-bits and for the AD7381 is 16-bits. In this mode, 18 SCLKs are required to propagate the data for the AD7380 and 16 SCLKs are required for the AD7381. ALERT The alert functionality is an out of range indicator and can be used as an early indicator of an out of bounds conversion result. An alert event triggers when the conversion result value register exceeds the alert high limit value in the ALERT_HIGH_THRESHOLD register or falls below the alert low limit value in the ALERT_LOW_THRESHOLD register. The ALERT_HIGH_THRESHOLD register and the ALERT_LOW_THRESHOLD register are common to all ADCs. When setting the threshold limits, the alert high threshold must always be greater than the alert low threshold. Detailed alert information is accessible in theALERT register. The register contains two status bits per ADC, one corresponding to the high limit, and the other to the low limit. A logical OR of alert signals for all ADCs creates a common alert value. This value can be configured to drive out on the ALERT function of the SDOB/ALERT pin. The SDOB/ALERT pin is configured as ALERT by configuring the following bits in the CONFIGURATION1 register and the CONFIGURATION2 register: • Set the SDO bit to 1. • Set the ALERT_EN bit to 1. • Set a valid value to the ALERT_HIGH_THRESHOLD register and the ALERT_LOW_THRESHOLD register. The alert indication function is available in oversampling, both rolling average and normal averaging, and in nonoversampling modes. The ALERT function of the SDOB/ALERT pin gets updated at the end of conversion. The alert indication status bits in the ALERT register get updated as well and must be read before the end of next conversion. The ALERT function of the SDOB/ALERT pin is cleared with a falling edge of CS. Issuing a software reset also clears the alert status in the ALERT register. CS ALERT NO OVERSAMPLING OR ROLLING AVARAGES OS NORMAL OVERSAMPLING SDOA INTERNAL CS ALERT SDOA INTERNAL tALERTS tALERTC tALERTS_NO tALERTC CONV ACQ CONV ACQ CONV ACQ CONV ACQ EXCEEDS THRESHOLD EXCEEDS THRESHOLD C A C A C A C A C A C A C A C A C A C A C A C A C A C A C A C A Figure 34. Alert Operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |