Electronic Components Datasheet Search
  English  ▼

X  

AD7381 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7381
Description  Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7381 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7381 Datasheet HTML 17Page - Analog Devices AD7381 Datasheet HTML 18Page - Analog Devices AD7381 Datasheet HTML 19Page - Analog Devices AD7381 Datasheet HTML 20Page - Analog Devices AD7381 Datasheet HTML 21Page - Analog Devices AD7381 Datasheet HTML 22Page - Analog Devices AD7381 Datasheet HTML 23Page - Analog Devices AD7381 Datasheet HTML 24Page - Analog Devices AD7381 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Data Sheet
AD7380/AD7381
Rev. 0 | Page 21 of 31
INTERFACE
The interface to the AD7380/AD7381 is via a serial interface.
The interface consists of a CS, SCLK, SDOA, SDOB, and SDI pins.
The CS signal frames a serial data transfer and initiates an ADC
conversion process. The falling edge of CS puts the track-and-
hold into hold mode, at which point the analog input is sampled,
and the bus is taken out of three-state.
The SCLK signal synchronizes data in and out of the device via
the SDOA, SDOB, and SDI signals. A minimum of 16 SCLKs
are required for a write to or read from a register. The minimum
numbers of SCLKs for a conversion read is dependent on the
resolution of the device and the configuration settings, see
Table 11.
The ADC conversion operation is driven internally by an on-
board oscillator and is independent of the SCLK signal.
The AD7380/AD7381 have two serial output signals, SDOA
and SDOB. To achieve the highest throughput of the device, use
both SDOA and SDOB, 2-wire mode, to read the conversion
results. If a reduced throughput is required or oversampling is
used, it is possible to use 1-wire mode, SDOA signal only, for
reading conversion results. Programming the SDO bit in the
CONFIGURATION2 register configures 2-wire or 1-wire mode.
Configuring the cyclic redundancy check (CRC) operation for
SPI reads or SPI writes alters the operation of the interface. The
relevant sections of this data sheet must be consulted to ensure
correct operation.
READING CONVERSION RESULTS
The CS signal initiates the conversion process. A high to low
transition on the CS signal initiates a simultaneous conversion
of both ADCs, ADC A and ADC B. The AD7380/AD7381 have
a one cycle readback latency. Therefore, the conversion results
are available on the next SPI access. Then, take the CS signal
low, and the conversion result clocks out on the serial output
pins. The next conversion is also initiated at this point.
The conversion result is shifted out of the device as a 16-bit
result for the AD7380 and a 14-bit result for the AD7381. The
MSB of the conversion result is shifted out on the CS falling
edge. The remaining data is shifted out of the device under the
control of the SCLK input. The data is shifted out on the rising
edge of the SCLK, and the data bits are valid on both the falling
edge and the rising edge. After the final SCLK falling edge, take CS
high again to return the SDOx pins to a high impedance state.
The number of SCLK cycles to propagate the conversion results
on the SDOx pins is dependent on the serial mode of operation
configured and if resolution boost mode is enabled, see Figure 36
and Table 11 for details. If CRC reading is enabled, this requires
additional SCLK pulses to propagate the CRC information, see
the CRC section for more details.
As the CS signal initiates a conversion, as well as framing the
data, any data access must be completed within a single frame.
CS
123
n–2
n–1
n1
SDOx
SCLK
CONVERSION RESULT
1CONSULT TABLE 11 FOR n, THE NUMBER OF SCLK PULSES REQUIRED
Figure 36. Reading Conversion Result
Table 11. Number of SCLKs, n, Required for Reading Conversion Results
Interface Configuration
Resolution Boost Mode
CRC Read
AD7380
AD7381
2-Wire
Disabled
Disabled
16
14
Enabled
24
22
Enabled
Disabled
18
16
Enabled
26
24
1-Wire
Disabled
Disabled
32
28
Enabled
40
36
Enabled
Disabled
36
32
Enabled
44
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com