Electronic Components Datasheet Search
  English  ▼

X  

AD7381 Datasheet(PDF) 23 Page - Analog Devices

Part # AD7381
Description  Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7381 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7381 Datasheet HTML 19Page - Analog Devices AD7381 Datasheet HTML 20Page - Analog Devices AD7381 Datasheet HTML 21Page - Analog Devices AD7381 Datasheet HTML 22Page - Analog Devices AD7381 Datasheet HTML 23Page - Analog Devices AD7381 Datasheet HTML 24Page - Analog Devices AD7381 Datasheet HTML 25Page - Analog Devices AD7381 Datasheet HTML 26Page - Analog Devices AD7381 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
AD7380/AD7381
Rev. 0 | Page 23 of 31
READING FROM DEVICE REGISTERS
All the registers in the device can be read over the serial interface.
A register read is performed by issuing a register read command
followed by an additional SPI command that can be either a
valid command or NOP. The format for a read command is
shown in Table 14. Bit D15 must be set to 0 to select a read
command. Bits[D14:D12] contain the register address, and the
subsequent twelve bits, Bits[D11:D0], are ignored.
WRITING TO DEVICE REGISTERS
All the read/write registers in the AD7380/AD7381 can be
written to over the serial interface. The length of an SPI write
access is determined by the CRC write function. An SPI access
is 16-bit if CRC write is disabled and is 24-bit when CRC write
is enabled. The format for a write command is shown in Table 15.
Bit D15 must be set to 1 to select a write command. Bits[D14:D12]
contain the register address, and the subsequent twelve bits,
Bits[D11:D0], contain the data to be written to the selected register.
CS
SDI
S0
S1
S2
S3
S4
SDOA
SDOB
RESULT S0
REG 1DATA
REG 2DATA
RESULT S3
INVALID
RESULT S0
INVALID
READ REG 1
READ REG 2
NOP
NOP
NOP
RESULT S3
Figure 40. Register Read
CS
SDI
S0
S1
S2
S3
SDOA
SDOB
RESULT S0
RESULT S1
RESULT S2
INVALID
WRITE REG 1
WRITE REG 2
NOP
NOP
Figure 41. Register Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com