Electronic Components Datasheet Search
  English  ▼

X  

SC75823 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC75823
Description  1/3 DUTY GENERAL-PURPOSE LCD DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC75823 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC75823 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Silan
Semiconductors
SC75823
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2002.03.04
1
BLOCK DIAGRAM
QFP-64-14x14-0.8
LQFP-64-10 x 10-0.5
1/3 DUTY GENERAL-PURPOSE LCD
DRIVER
DESCRIPTION
The SC75823 is a general-purpose LCD driver that can be used
for frequency display in microprocessor-controlled radio receives
and in other display applications. In addition to being able to directly
drive up to 156 LCD segments.
FEATURES
• Supports both 1/3 duty 1/2 bias and 1/3 duty 1/3 bias LCD
drive of up to 156 segments under serial data control.
• Serial data input supports CCB format communication with the
system controller.
• Serial data control of the power-saving mode based backup
function and all the segments forced off function.
• High generality since display data is displayed directly without
decoder intervention.
• The INH pin can force the display to the off state.
• The LCD drive bias voltage can be provided internally or
externally.
• Power supply voltage: 4.5 to 6.0V
ORDERING INFORMATION
Device
Package
SC75823A
LQFP-64-10 X 10-0.5
SC75823B
QFP-64-14 X 14-0.8
Common Driver
Latch & Driver
Shift Register
Clock
Generator
Address
Detector
V
DD2
V
DD1
INH
OSC
DI
CL
CE
V
DD VSS
S1
S51
S52
COM1 COM2 COM3


Similar Part No. - SC75823

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC7582 FAIRVIEW-SC7582 Datasheet
28Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SMA PANEL MOUNT TAB CONTACT
REV A
More results

Similar Description - SC75823

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75873NE SANYO-LC75873NE Datasheet
279Kb / 15P
1/3 Duty General-Purpose LCD Display Driver????
logo
Princeton Technology Co...
PT6523 PTC-PT6523 Datasheet
39Kb / 4P
1/3 Duty General Purpose LCD Driver IC
PT6525 PTC-PT6525 Datasheet
126Kb / 4P
1/3 Duty General Purpose LCD Driver IC
PT6523 PTC-PT6523_10 Datasheet
743Kb / 23P
1/3 Duty General Purpose LCD Driver IC
PT6525 PTC-PT6525_10 Datasheet
126Kb / 4P
1/3 Duty General Purpose LCD Driver IC
logo
Sanyo Semicon Device
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
1/3, 1/4-Duty General-Purpose LCD Display Driver
LC75847T SANYO-LC75847T Datasheet
307Kb / 27P
1/3, 1/4 Duty General-Purpose LCD Driver
LC75813E SANYO-LC75813E Datasheet
295Kb / 26P
1/3, 1/4 Duty General-Purpose LCD Driver
LC75813T-E SANYO-LC75813T-E Datasheet
295Kb / 26P
1/3, 1/4 Duty General-Purpose LCD Driver
logo
ON Semiconductor
LC75833E ONSEMI-LC75833E Datasheet
507Kb / 23P
1/3 Duty General-Purpose LCD Driver
December 2013 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com