Electronic Components Datasheet Search
  English  ▼

X  

SC75823 Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SC75823
Description  1/3 DUTY GENERAL-PURPOSE LCD DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC75823 Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SC75823 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Silan
Semiconductors
SC75823
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2002.03.04
3
ALLOWABLE OPERATING RANGE (Tamb=-40 to +85°C, VSS=0V)
ELECTRICAL CHARACTERISTICS
(To be continued)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
VDD
4.5
6.0
V
VDD1
VDD1
2/3VDD
6.0
V
Input Voltage
VDD2
VDD2
1/3VDD
6.0
V
Input High level Voltage
VIH
CE, CL, DI,
INH
4.0
6.0
V
Input Low Level Voltage
VIL
CE, CL, DI,
INH
0
0.7
V
Recommended External Resistance
ROSC
OSC
47
k
Ω
Recommended External Capacitance
COSC
OSC
1000
pF
Guaranteed Oscillator Range
fOSC
OSC
19
38
76
kHz
Data Setup Time
tds
CL, DI: figure 2
100
ns
Data Hold Time
tdh
CL, DI: figure 2
100
ns
CE Wait Time
tcp
CE, CL: figure 2
100
ns
CE Setup Time
tcs
CE, CL: figure 2
100
ns
CE Hold Time
tch
CE, CL: figure 2
100
ns
High-level Clock Pulse Width
t
φH
CL: figure 2
100
ns
Low-level Clock Pulse Width
t
φL
CL: figure 2
100
ns
Rise Time
tr
CE, CL, DI: figure 2
100
ns
Fall Time
tf
CE, CL, DI: figure 2
100
ns
INH Switching Time
t2
INH , CE: figure 3
10
µs
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input High Level Current
IIH
CE, CL, DI,
INH ; VI=6V
5
µA
Input Low Level Current
IIL
CE, CL, DI,
INH ; VI=0V
-5
µA
Oscillator Frequency
fOSC
OSC;ROSC=47k
Ω,
COSC=1000pF
38
kHz
Hysteresis Width
VH
CE, CL, DI,
INH ; VDD=5V
0.3
V
Output High Level Voltage
VOH1
S1 to S52; IO=-20
µA
VDD-1.0
V
Output Low Level Voltage
VOL1
S1 to S52; IO=20
µA
1.0
V
Output High Level Voltage
VOH2
COM1 to COM3; IO=-100
µA
VDD-1.0
V
Output Low Level Voltage
VOL2
COM1 to COM3; IO=100
µA
1.0
V
VMID1
1/2 bias, COM1 to COM3;
IO=
±100µA
1/2VDD
±1.0
V
Intermediate Level Voltage
VMID2
1/3 bias, COM1 to COM3;
IO=
±100µA
2/3VDD
±1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com