Electronic Components Datasheet Search
  English  ▼

X  

SC75823 Datasheet(PDF) 14 Page - Silan Microelectronics Joint-stock

Part # SC75823
Description  1/3 DUTY GENERAL-PURPOSE LCD DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC75823 Datasheet(HTML) 14 Page - Silan Microelectronics Joint-stock

Back Button SC75823 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 10Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 11Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 12Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 13Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 14Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 15Page - Silan Microelectronics Joint-stock SC75823 Datasheet HTML 16Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Silan
Semiconductors
SC75823
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2002.03.04
14
TEST CIRCUIT3
1/3 Bias (for use with large panels)
56
57
60
58
59
62
63
64
53
54
55
1
52
VDD
INH
VSS
VDD1
VDD2
CE
CL
DI
S52
S1
COM1
COM2
COM3
61
OSC
VDD
From the
microcontroller
C
C
Cƒ0.047­F
R
10K¡ƒRƒ1K¡
R
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com