Electronic Components Datasheet Search
  English  ▼

X  

HM2010D Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2010D
Description  3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2010D Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2010D Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
TEST SETUP FOR PERFORMANCE TESTING
Figure 3: Test Block Diagram
Notes: 1) A 33-µH inductor was placed in series with the load resistor to emulate a small speaker for efficiency
measurements; 2) The 30-kHz low-pass filter is required even if the analyzer has an internal low-pass filter. An
RC low pass filter (100Ω, 47nF) issued on each output for the data sheet graphs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com