Electronic Components Datasheet Search
  English  ▼

X  

HM2010D Datasheet(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2010D
Description  3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2010D Datasheet(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2010D Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Figure 22: Ferrite Bead Filter to Reduce EMI
Shutdown Operation
In order to reduce power consumption while the device is not in use, the HM2010 includes shutdown circuitry
to de-bias all the internal circuitry when the SHDN pin is pulled low. During shutdown, the supply current of
the HM2010 is reduced less than 0.1µA, typically.
Under Voltage Lockout (UVLO)
The HM2010 incorporates circuitry designed to detect a low supply voltage. When the supply voltage drops
below 2.0V (typical), the HM2010 goes into shutdown mode. The device will emerge out of the shutdown
mode and resume its normal operation only when the supply voltage is restored to above 2.2V (typical) and
the SHDN pin pulled high.
Short-circuit Auto-Recovery
When an over-current or short-circuit event occurs, the HM2010 goes into shutdown mode. During shutdown,
the HM2010 activates auto-recovery process whose aim is to return the device to normal operation once the
fault condition is removed. This process repeatedly examines whether the fault condition persists, and
returns the device to normal operation immediately after the fault condition is removed. This feature helps
protect the device from large currents and maintain long-term reliability while removing the need for
external system interaction to resume normal operation.
Over Temperature Protection
Thermal protection on the HM2010 prevents the device from being damaged when the internal die
temperature exceeds 160°C. Once the die temperature exceeds the prescribed value, the device will enter
into shutdown state and the outputs are disabled. This is not a latched fault. The thermal fault cleared once
the temperature of the die decreased by 30°C. This large hysteresis will prevent it from generating motor
boating sound and allow the device resume normal operation without the need for external system
interaction.
POP and Click Circuitry
The HM2010 contains circuitry to minimize turn-on and turn-off transients or “click and pops”, where turn-on
refers to either power supply turn-on or device recover from shutdown mode. When the device is turned on,
the amplifiers are internally muted. An internal current source ramps up the internal reference voltage. The
device will remain in mute mode until the reference voltage reach half supply voltage, 1/2 VDD. As soon as
the reference voltage is stable, the device will begin full operation. For the best power-off pop performance,
the amplifier should be set in shutdown mode prior to removing the power supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com