Electronic Components Datasheet Search
  English  ▼

X  

HM2010D Datasheet(PDF) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2010D
Description  3W Low EMI Class-D Audio Power Amplifier with Auto-Recovering Short-circuit Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2010D Datasheet(HTML) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2010D Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2010D Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Components Selection
Input Resistors (RI)
The input resistors (RI) set the gain of the amplifier according to equation (1).
Resistor matching is very important in full differential amplifiers. The balance of the output on the reference
voltage depends on matched ratios of the resistors. CMRR, PSRR, and cancellation of the even-order
harmonic distortion diminish if resistor mismatch occurs. Therefore, it is recommended to use 1% tolerance
resistors or better to keep the performance optimized. Matching is more important than overall tolerance.
Resistor arrays with 1% matching can be used with a tolerance greater than 1%.
Place the input resistors very close to the HM2010 to limit noise injection on the high-impedance nodes. For
optimal performance the gain should be set to 2 times of RI (RI =150kΩ) or so. Lower gain allows the HM2010
to operate at its best, and keeps a high voltage at the input making the inputs less susceptible to noise. In
addition to these features, higher value of RI minimizes pop noise.
Decoupling Capacitor (CS)
Decoupling capacitor helps to stabilize voltage of power supply and thus reduce the total harmonic
distortion (THD). It can also be applied to prevent oscillation over long leads. A Low
Equivalent-series-resistance (ESR) capacitor of 1µF is required for decoupling and should be placed close
to the HM2010 to reduce the resistance and inductance on the trace between the amplifier and the capacitor.
For filtering lower-frequency noise signals, a 10µF capacitor could be placed near the audio power
amplifier.
Input Capacitors (CI)
The input capacitor and input resistor determine the corner frequency of the high pass filter. The corner
frequency (fc) is calculated with the Equation (2) below.
The corner frequency directly influences the low frequency signals and consequently determines output
bass quality.
PCB Layout
As output power increases, interconnect resistance (PCB traces and wires) among the audio amplifier,
load and power supply create a voltage drop. The voltage loss on the traces between the HM2010 and the
load results is lower output power and decreased efficiency. Higher trace resistance between the supply
and the HM2010 has the same effect as a poorly regulated supply, increase ripple on the supply line also
reducing the peak output power. The effects of residual trace resistance increases as output current
increases due to higher output power, decreased load impedance or both. To maintain the highest output
voltage swing and corresponding peak output power, the PCB traces that connect the output pins to the
load and the supply pins to the power supply should be as wide as possible to minimize trace resistance.
The use of power and ground planes will give the best THD+N performance. While reducing trace
resistance, the use of power planes also creates parasite capacitors that help to filter the power supply line.
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com