Electronic Components Datasheet Search
  English  ▼

X  

ADP5072 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP5072
Description  1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP5072 Datasheet HTML 3Page - Analog Devices ADP5072 Datasheet HTML 4Page - Analog Devices ADP5072 Datasheet HTML 5Page - Analog Devices ADP5072 Datasheet HTML 6Page - Analog Devices ADP5072 Datasheet HTML 7Page - Analog Devices ADP5072 Datasheet HTML 8Page - Analog Devices ADP5072 Datasheet HTML 9Page - Analog Devices ADP5072 Datasheet HTML 10Page - Analog Devices ADP5072 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADP5072
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
700
0
0
40
VPOS (V)
100
200
300
400
500
600
5
10
15
20
25
30
35
VIN = 3.3V, L = 6.8µH
VIN = 3.3V, L = 4.7µH
VIN = 5.0V, L = 10.0µH
VIN = 5.0V, L = 6.8µH
Figure 3. Maximum Output Current (IOUT) vs. VPOS for Boost Regulator,
fSW = 1.2 MHz, TA = 25°C, Based on Target of 70% ILIM (BOOST)
700
0
0
40
VPOS (V)
100
200
300
400
500
600
5
10
15
20
25
30
35
VIN = 3.3V, L = 6.8µH
VIN = 3.3V, L = 3.3µH
VIN = 5.0V, L = 10.0µH
VIN = 5.0V, L = 3.3µH
Figure 4. Maximum Output Current (IOUT) vs. VPOS for Boost Regulator,
fSW = 2.4 MHz, TA = 25°C, Based on Target of 70% ILIM (BOOST)
0.001
1.0
LOAD CURRENT (A)
100
0
10
20
30
40
50
60
70
80
90
0.01
0.1
VIN = 3.3V, fSW = 1.2MHz
VIN = 3.3V, fSW = 2.4MHz
Figure 5. Efficiency vs. Load Current for Boost Regulator, VIN = 3.3 V,
VPOS = 5 V, TA = 25°C
350
0
–35
–30
–25
–20
–15
–10
–5
0
VNEG (V)
VIN = 3.3V, L = 10.0µH
VIN = 3.3V, L = 6.8µH
VIN = 5.0V, L = 10.0µH
VIN = 5.0V, L = 15.0µH
50
100
150
200
250
300
Figure 6. Maximum Output Current (IOUT) vs. VNEG for Inverting Regulator,
fSW = 1.2 MHz, TA = 25°C, Based on Target of 70% ILIM (INVERTER)
350
0
–35
–30
–25
–20
–15
–10
–5
0
VNEG (V)
VIN = 3.3V, L = 10.0µH
VIN = 3.3V, L = 6.8µH
VIN = 5.0V, L = 10.0µH
VIN = 5.0V, L = 15.0µH
50
100
150
200
250
300
Figure 7. Maximum Output Current (IOUT) vs. VNEG for Inverting Regulator,
fSW = 2.4 MHz, TA = 25°C, Based on Target of 70% ILIM (INVERTER)
0.001
1.0
LOAD CURRENT (A)
0.01
0.1
90
0
10
20
30
40
50
60
70
80
VIN = 3.3V, fSW = 1.2MHz
VIN = 3.3V, fSW = 2.4MHz
Figure 8. Efficiency vs. Load Current for Inverting Regulator, VIN = 3.3 V,
VNEG = −5 V, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com