Electronic Components Datasheet Search
  English  ▼

X  

ADP5072 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5072
Description  1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5072 Datasheet HTML 16Page - Analog Devices ADP5072 Datasheet HTML 17Page - Analog Devices ADP5072 Datasheet HTML 18Page - Analog Devices ADP5072 Datasheet HTML 19Page - Analog Devices ADP5072 Datasheet HTML 20Page - Analog Devices ADP5072 Datasheet HTML 21Page - Analog Devices ADP5072 Datasheet HTML 22Page - Analog Devices ADP5072 Datasheet HTML 23Page - Analog Devices ADP5072 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADP5072
Rev. 0 | Page 21 of 24
COMMON APPLICATIONS
Table 9 through Table 11 list a number of common component
selections for typical VIN, VPOS, and VNEG conditions. These
components have been bench tested and are recommended for
customer applications that are suited for these conditions. Note that
when pairing a boost and inverting regulator bill of materials,
choose the same VIN and switching frequency.
ADP5072
SS
SW1
SW1
COMP1
RC1
102k
Ω
CC1
1nF
COMP2
RC2
61.9k
Ω
CC2
2.2nF
EN1
ON
OFF
SYNC
SLEW
SEQ
EN2
AGND
PVIN
PVIN
AVIN
CIN
10µF
VIN
+5V
FB1
D1
PD3S140
L1
3.3µH
VIN
+5V
VIN
+5V
L2
6.8µF
RFB1
137k
Ω
RFT1
2.43
MΩ
VPOS
+15V
SW2
PGND
PGND
FB2
VREF
D2
PD3S140
RFB2
118k
Ω
VNEG
–15V
CVREF
1µF
COUT1
10µF
COUT2
10µF
RFT2
2.3
2MΩ
ON
OFF
Figure 46. Typical +5 V to ±15 V Application
Figure 46 shows the schematic referenced by Table 9 through
Table 11 with example component values for 5 V input voltage
to ±15 V output voltage generation. Table 9 shows the
components common to all of the VIN, VPOS, and VNEG
conditions.
Figure 47 shows the efficiency curves for the boost and
inverting regulator using the recommended, small size
components described in Table 9, Table 10, and Table 11
for VPOS = 15 V and VNEG = −15 V at VIN = 5 V.
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
LOAD CURRENT (A)
VPOS = +15V, 1.2MHz
VNEG = –15V, 1.2MHz
VPOS = +15V, 2.4MHz
VNEG = –15V, 2.4MHz
Figure 47. Efficiency vs. Load Current for Boost Regulator and Inverting
Regulator, TA = 25°C
Table 10 and Table 11 are based on the smallest sized components.
The maximum output current is limited by the ISAT rating of the
2 mm × 2 mm inductor. A higher output current is possible by
using larger inductors with higher ISATratings, as long as the
inductor peak current remains below the appropriate current
limit specifications.
It is important to verify the thermal performance of the small
sized inductor at higher ambient temperature in actual application.
Table 9. Recommended Common Components Selections
Reference Designator
Description
Value (µF)
Part Number
Manufacturer
CIN
Input capacitor on PVIN
10
GRM21BZ71C106KE15L
Murata
CVREF
VREF capacitor
1
GRM188R71C105KA12C
Murata



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com