Electronic Components Datasheet Search
  English  ▼

X  

ADP5072 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5072
Description  1 A/0.6 A DC to DC Switching Regulator Independent Positive and Negative Outputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5072 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5072 Datasheet HTML 4Page - Analog Devices ADP5072 Datasheet HTML 5Page - Analog Devices ADP5072 Datasheet HTML 6Page - Analog Devices ADP5072 Datasheet HTML 7Page - Analog Devices ADP5072 Datasheet HTML 8Page - Analog Devices ADP5072 Datasheet HTML 9Page - Analog Devices ADP5072 Datasheet HTML 10Page - Analog Devices ADP5072 Datasheet HTML 11Page - Analog Devices ADP5072 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADP5072
Data Sheet
Rev. 0 | Page 8 of 24
0.001
1.0
LOAD CURRENT (A)
100
0
10
20
30
40
50
60
70
80
90
0.01
0.1
VIN = 3.3V, fSW = 1.2MHz
VIN = 3.3V, fSW = 2.4MHz
VIN = 5.0V, fSW = 1.2MHz
VIN = 5.0V, fSW = 2.4MHz
Figure 9. Efficiency vs. Load Current for Boost Regulator, VPOS = 9 V, TA = 25°C
0.001
1.0
LOAD CURRENT (A)
100
0
10
20
30
40
50
60
70
80
90
0.01
0.1
VIN = 3.3V, fSW = 1.2MHz
VIN = 3.3V, fSW = 2.4MHz
VIN = 5.0V, fSW = 1.2MHz
VIN = 5.0V, fSW = 2.4MHz
Figure 10. Efficiency vs. Load Current for Boost Regulator, VPOS = 15 V,
TA = 25°C
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
LOAD CURRENT (A)
VIN = 3.3V, fSW = 1.2MHz
VIN = 5V, fSW = 1.2MHz
VIN = 5V, fSW = 2.4MHz
Figure 11. Efficiency vs. Load Current for Boost Regulator, VPOS = 35 V,
TA = 25°C
0.001
1.0
LOAD CURRENT (A)
100
0
10
20
30
40
50
60
70
80
90
0.01
0.1
VIN = 3.3V, fSW = 1.2MHz
VIN = 3.3V, fSW = 2.4MHz
VIN = 5.0V, fSW = 1.2MHz
VIN = 5.0V, fSW = 2.4MHz
Figure 12. Efficiency vs. Load Current for Inverting Regulator, VNEG = −9 V,
TA = 25°C
0.001
1.0
LOAD CURRENT (A)
100
0
10
20
30
40
50
60
70
80
90
0.01
0.1
VIN = 3.3V, fSW = 1.2MHz
VIN = 3.3V, fSW = 2.4MHz
VIN = 5.0V, fSW = 1.2MHz
VIN = 5.0V, fSW = 2.4MHz
Figure 13. Efficiency vs. Load Current for Inverting Regulator, VNEG = −15 V,
TA = 25°C
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
LOAD CURRENT (A)
VIN = 3.3V, fSW = 1.2MHz
VIN = 5V, fSW = 1.2MHz
VIN = 5V, fSW = 2.4MHz
Figure 14. Efficiency vs. Load Current for Inverting Regulator, VNEG = −30 V,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com