Electronic Components Datasheet Search
  English  ▼

X  

ADPD2140W Datasheet(PDF) 3 Page - Analog Devices

Part # ADPD2140W
Description  Infrared Light Angle Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2140W Datasheet(HTML) 3 Page - Analog Devices

  ADPD2140W Datasheet HTML 1Page - Analog Devices ADPD2140W Datasheet HTML 2Page - Analog Devices ADPD2140W Datasheet HTML 3Page - Analog Devices ADPD2140W Datasheet HTML 4Page - Analog Devices ADPD2140W Datasheet HTML 5Page - Analog Devices ADPD2140W Datasheet HTML 6Page - Analog Devices ADPD2140W Datasheet HTML 7Page - Analog Devices ADPD2140W Datasheet HTML 8Page - Analog Devices ADPD2140W Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
ADPD2140W
Rev. 0 | Page 3 of 10
SPECIFICATIONS
All specifications listed for the sum of all four photodiode channels, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OPTICAL/ELECTRICAL CHARACTERISTICS
Infrared Light Responsivity
S880
λ = 880 nm, illuminated area (A) = 0.363 mm2,
incident angle (θ) = 0°
0.40
A/W
S940
λ = 940 nm, A = 0.363 mm2, θ = 0°
0.30
A/W
Visible Light Responsivity
S660
λ = 660 nm, A = 0.363 mm2, θ = 0°
0.025
A/W
Temperature Coefficient of Infrared Light
Responsivity
K880
λ = 880 nm, −40°C < TA < +105°C
0.178
%/K
Reverse Dark Current per Channel1
ID
Reverse voltage (VR) = 0.25 V, TA = 25°C
786
fA
Diode Capacitance per Channel
CD
VR = 0.25 V, frequency = 100 kHz, test voltage
(VTEST) = 50 mV
15.4
pF
Rise Time (20% to 80%)
tR
VR = 0.25 V, λ = 880 nm, TA = 25°C
258
ns
Fall Time (20% to 80%)
tF
VR = 0.25 V, λ = 880 nm, TA = 25°C
260
ns
Forward Voltage
VF
Forward current (IF) = 2 μA
0.525
V
OPERATING SPECIFCATIONS
Bias Voltage (Any Channel)
VB
−1
+0.1
V
Operating Temperature
−40
+105
°C
1
See the Typical Connection Diagram section for a description of the reverse voltage on the ADPD2140W.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com