Electronic Components Datasheet Search
  English  ▼

X  

ADPD2140W Datasheet(PDF) 4 Page - Analog Devices

Part # ADPD2140W
Description  Infrared Light Angle Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2140W Datasheet(HTML) 4 Page - Analog Devices

  ADPD2140W Datasheet HTML 1Page - Analog Devices ADPD2140W Datasheet HTML 2Page - Analog Devices ADPD2140W Datasheet HTML 3Page - Analog Devices ADPD2140W Datasheet HTML 4Page - Analog Devices ADPD2140W Datasheet HTML 5Page - Analog Devices ADPD2140W Datasheet HTML 6Page - Analog Devices ADPD2140W Datasheet HTML 7Page - Analog Devices ADPD2140W Datasheet HTML 8Page - Analog Devices ADPD2140W Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ADPD2140W
Data Sheet
Rev. 0 | Page 4 of 10
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Voltage (Any Channel)
Forward
0.1 V
Reverse
8 V
Power Dissipation
8 mW
Storage Temperature
125°C
Junction Temperature
110°C
Solder Reflow Temperature (<10 sec)
260°C
Electrostatic Discharge (ESD)
Human Body Model (HBM)
2000 V
Charged Device Model (CDM)
1250 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 3. Thermal Resistance1
Package Type
θJA
θJC
Unit
CP-8-17
64.70
8.80
°C/W
1
Test condition: the thermal impedance simulated values are based on a
JEDEC 2S2P thermal test board with four thermal vias. See JEDEC JESD-51.
SOLDERING PROFILE
Figure 2 and Table 4 provide details about the recommended
soldering profile.
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 2. Recommended Soldering Profile
Table 4. Recommended Soldering Profile Limits1
Profile Feature
Condition (Pb Free)
Average Ramp Rate (TL to TP)
2°C/sec maximum
Preheat
Minimum Temperature (TSMIN)
150°C
Maximum Temperature (TSMAX)
200°C
Time (TSMIN to TSMAX) (tS)
60 sec to 120 sec
TSMAX to TL Ramp-Up Rate
2°C/sec maximum
Liquidus Temperature (TL)
217°C
Time Maintained Above TL (tL)
60 sec to 150 sec
Peak Temperature (TP)
260°C + (0°C/−5°C)
Time Within 5°C of Actual Peak
Temperature (tP)
20 sec to 30 sec
Ramp Down Rate
3°C/sec maximum
Time from 25°C to Peak Temperature
(t25°CTO PEAK)
8 minutes maximum
1
Based on JEDEC Standard J-STD-020D.1.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com