Electronic Components Datasheet Search
  English  ▼

X  

ADPD2140W Datasheet(PDF) 9 Page - Analog Devices

Part # ADPD2140W
Description  Infrared Light Angle Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2140W Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPD2140W Datasheet HTML 2Page - Analog Devices ADPD2140W Datasheet HTML 3Page - Analog Devices ADPD2140W Datasheet HTML 4Page - Analog Devices ADPD2140W Datasheet HTML 5Page - Analog Devices ADPD2140W Datasheet HTML 6Page - Analog Devices ADPD2140W Datasheet HTML 7Page - Analog Devices ADPD2140W Datasheet HTML 8Page - Analog Devices ADPD2140W Datasheet HTML 9Page - Analog Devices ADPD2140W Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet
ADPD2140W
Rev. 0 | Page 9 of 10
OUTLINE DIMENSIONS
TOP VIEW
8
1
5
4
0.28
0.23
0.18
BOTTOM VIEW
0.70
0.65
0.60
1.99
1.89
1.74
1.69
1.59
1.44
0.15 REF
0.15 MIN
0.05 MAX
0.02 NOM
0.45 BSC
2.10
2.00
1.90
3.10
3.00
2.90
COPLANARITY
0.08
0.35
0.30
0.25
PIN 1 INDEX
AREA
SEATING
PLANE
EXPOSED
PAD
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET
SIDE VIEW
P IN 1
IN D IC AT O R AR E A OP T IO N S
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
Figure 12. 8-Lead Lead Frame Chip Scale Package [LFCSP]
2 mm × 3 mm Body and 0.65 mm Package Height
(CP-8-17)
Dimensions shown in millimeters
Table 6. Marking Code Format, Line 1 (See Figure 13)
Description
Position
Font Type
Height
(mm)
Width
(mm)
Space
(mm)
Maximum
Width (mm)
Maximum
Characters
Binary
Not applicable
Bar font (Symbol 1/Symbol 2)
0.075
0.05
0.08
1.61
13 (6 + 7)
0.08
0.195
PIN 1
CORNER
0.195
0.3475
0.3475
BAR × 13
(0.05 × 0.075)
BAR × 13
(0.05 × 0.075)
UNIT: mm
Figure 13. ADPD2140W Marking Codes As Viewed from Bottom



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com