Electronic Components Datasheet Search
  English  ▼

X  

ADRF5046 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5046
Description  Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5046 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5046 Datasheet HTML 2Page - Analog Devices ADRF5046 Datasheet HTML 3Page - Analog Devices ADRF5046 Datasheet HTML 4Page - Analog Devices ADRF5046 Datasheet HTML 5Page - Analog Devices ADRF5046 Datasheet HTML 6Page - Analog Devices ADRF5046 Datasheet HTML 7Page - Analog Devices ADRF5046 Datasheet HTML 8Page - Analog Devices ADRF5046 Datasheet HTML 9Page - Analog Devices ADRF5046 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
ADRF5046
Data Sheet
Rev. 0 | Page 6 of 15
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
V1
RFC
GND
VSS
GND
GND
RF2
GND
RF3
1
2
3
4
5
67
8
9
10
11
12
13
14
15
16
17
18
19
20
ADRF5046
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST BE CONNECTED
TO RF AND DC GROUND.
Figure 4. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
V1
Control Input 1. See Figure 6 for the interface schematic.
2, 4, 7, 9, 10, 12 to
14, 16, 17, 19
GND
Ground. These pins must be connected to the RF and dc ground of the PCB.
3
RFC
RF Common Port. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is
required when the RF line potential is equal to 0 V dc. See Figure 5 for the interface schematic.
5
VSS
Negative Supply Voltage.
6
VDD
Positive Supply Voltage.
8
RF4
RF Throw Port 4. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required
when the RF line potential is equal to 0 V dc. See Figure 5 for the interface schematic.
11
RF3
RF Throw Port 3. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required
when the RF line potential is equal to 0 V dc. See Figure 5 for the interface schematic.
15
RF2
RF Throw Port 2. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required
when the RF line potential is equal to 0 V dc. See Figure 5 for the interface schematic.
18
RF1
RF Throw Port 1. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is required
when the RF line potential is equal to 0 V dc.
20
V2
Control Input 2. See Figure 6 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and dc ground.
INTERFACE SCHEMATICS
RFC,
RF1,
RF2,
RF3,
RF4
Figure 5. RF Pins (RFC and RF1 to RF4) Interface Schematic
V1, V2
Figure 6. Control Input Pins Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com