Electronic Components Datasheet Search
  English  ▼

X  

ADRF5046 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5046
Description  Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5046 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5046 Datasheet HTML 1Page - Analog Devices ADRF5046 Datasheet HTML 2Page - Analog Devices ADRF5046 Datasheet HTML 3Page - Analog Devices ADRF5046 Datasheet HTML 4Page - Analog Devices ADRF5046 Datasheet HTML 5Page - Analog Devices ADRF5046 Datasheet HTML 6Page - Analog Devices ADRF5046 Datasheet HTML 7Page - Analog Devices ADRF5046 Datasheet HTML 8Page - Analog Devices ADRF5046 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Silicon SP4T Switch,
Reflective, 100 MHz to 44 GHz
Data Sheet
ADRF5046
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultra wideband frequency range: 100 MHz to 44 GHz
Reflective design
Low insertion loss
1.5 dB to 18 GHz
2.5 dB to 40 GHz
3.0 dB to 44 GHz
High isolation
46 dB to 18 GHz
33 dB to 40 GHz
31 dB to 44 GHz
High input linearity
P0.1dB: 27.5 dBm typical
IP3: 50 dBm typical
High RF input power handling
Through path: 27 dBm
Hot switching: 27 dBm
No low frequency spurious
0.1 dB RF settling time: 50 ns
20-terminal, 3 mm × 3 mm, RoHS-compliant, LGA package
APPLICATIONS
Industrial scanner
Test instrumentation
Cellular infrastructure mmWave 5G
Military radios, radars, and electronic counter measures (ECMs)
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
GND
V1
RFC
GND
VSS
GND
GND
RF2
ADRF5046
GND
RF3
DRIVER
5
1
2
3
4
11
15
14
13
12
Figure 1.
GENERAL DESCRIPTION
The ADRF5046 is a reflective, single-pole four-throw (SP4T)
switch manufactured in the silicon process.
The ADRF5046 operates from 100 MHz to 44 GHz with
insertion loss of lower than 3.0 dB and isolation of higher than
31 dB. The device has a radio frequency (RF) input power
handling capability of 27 dBm for both the through path and
hot switching.
The ADRF5046 draws a low current of 3 μA on the positive
supply of +3.3 V, and −110 μA on the negative supply of −3.3 V.
The device provides complementary metal-oxide semiconductor
(CMOS)-/low voltage transistor-transistor logic (LVTTL)-
compatible controls.
The ADRF5046 comes in a 20-terminal, 3 mm × 3 mm, RoHS-
compliant, land grid array (LGA) package and can operate from
−40°C to +105°C.


Similar Part No. - ADRF5046

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040-EVALZ AD-ADRF5040-EVALZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ AD-ADRF5040BCPZ Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5040BCPZ-R7 AD-ADRF5040BCPZ-R7 Datasheet
281Kb / 14P
High power handling
Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
More results

Similar Description - ADRF5046

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5047 AD-ADRF5047 Datasheet
552Kb / 15P
Silicon SP4T Switch, Reflective, 9 kHz to 44 GHz
11/2019-Revision 0
ADRF5024 AD-ADRF5024 Datasheet
432Kb / 13P
Silicon SPDT Switch, Reflective, 100 MHz to 44 GHz
8/2020-Rev. B to Rev. C
ADRF5044 AD-ADRF5044 Datasheet
476Kb / 14P
100 MHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
ADRF5301 AD-ADRF5301 Datasheet
294Kb / 9P
Silicon SPDT Switch, Reflective, 35 GHz to 44 GHz
ADRF5050 AD-ADRF5050 Datasheet
1Mb / 14P
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
ADRF5080 AD-ADRF5080 Datasheet
2Mb / 15P
Reflective, Silicon SP8T Switch, 100 MHz to 20 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com