Electronic Components Datasheet Search
  English  ▼

X  

ADRF5046 Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF5046
Description  Silicon SP4T Switch, Reflective, 100 MHz to 44 GHz
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5046 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF5046 Datasheet HTML 5Page - Analog Devices ADRF5046 Datasheet HTML 6Page - Analog Devices ADRF5046 Datasheet HTML 7Page - Analog Devices ADRF5046 Datasheet HTML 8Page - Analog Devices ADRF5046 Datasheet HTML 9Page - Analog Devices ADRF5046 Datasheet HTML 10Page - Analog Devices ADRF5046 Datasheet HTML 11Page - Analog Devices ADRF5046 Datasheet HTML 12Page - Analog Devices ADRF5046 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
ADRF5046
Rev. 0 | Page 9 of 15
INPUT POWER COMPRESSION AND THIRD-ORDER INTERCEPT
VDD = +3.3 V, VSS = −3.3 V, VCTL = 0 V or +3.3 V, and TCASE = 25°C on a 50 Ω system, unless otherwise noted. Measured on the evaluation board.
10
12
14
16
18
20
22
24
26
28
30
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
P0.1dB
P1dB
Figure 19. Input Power Compression vs. Frequency
60
20
040
FREQUENCY (GHz)
25
30
35
40
45
50
55
5
1015
202530
35
TCASE = +105°C
TCASE = +85°C
TCASE = +25°C
TCASE = –40°C
Figure 20. Input IP3 vs. Frequency over Various Temperatures
10
12
14
16
18
20
22
24
26
28
30
10k
100k
1M
10M
100M
1G
FREQUENCY (Hz)
P0.1dB
P1dB
Figure 21. Input Power Compression vs. Frequency, Low Frequency Detail
60
20
25
30
35
40
45
50
55
TCASE = +105°C
TCASE = +85°C
TCASE = +25°C
TCASE = –40°C
10k
1G
FREQUENCY (Hz)
100k
1M
10M
100M
Figure 22. Input IP3 vs. Frequency over Various Temperatures,
Low Frequency Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com