Electronic Components Datasheet Search
  English  ▼

X  

PD69108 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # PD69108
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108 Datasheet(HTML) 3 Page - Microsemi Corporation

  PD69108 Datasheet HTML 1Page - Microsemi Corporation PD69108 Datasheet HTML 2Page - Microsemi Corporation PD69108 Datasheet HTML 3Page - Microsemi Corporation PD69108 Datasheet HTML 4Page - Microsemi Corporation PD69108 Datasheet HTML 5Page - Microsemi Corporation PD69108 Datasheet HTML 6Page - Microsemi Corporation PD69108 Datasheet HTML 7Page - Microsemi Corporation PD69108 Datasheet HTML 8Page - Microsemi Corporation PD69108 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
3
8 PORTS PSE POE MANAGER
TM
®
R OHS A ND S OL D E R R E F L OW I NF OR M A T I ON
RoHS
6/6
Pb-free 100% Matte Tin Finish
Package Peak Temperature for Solder Reflow
(40 seconds maximum exposure)
260°C (+0°C, -5°C)
Notes:
Exceeding these ratings can cause damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com