Electronic Components Datasheet Search
  English  ▼

X  

PD69108 Datasheet(PDF) 15 Page - Microsemi Corporation

Part # PD69108
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108 Datasheet(HTML) 15 Page - Microsemi Corporation

Back Button PD69108 Datasheet HTML 9Page - Microsemi Corporation PD69108 Datasheet HTML 10Page - Microsemi Corporation PD69108 Datasheet HTML 11Page - Microsemi Corporation PD69108 Datasheet HTML 12Page - Microsemi Corporation PD69108 Datasheet HTML 13Page - Microsemi Corporation PD69108 Datasheet HTML 14Page - Microsemi Corporation PD69108 Datasheet HTML 15Page - Microsemi Corporation PD69108 Datasheet HTML 16Page - Microsemi Corporation PD69108 Datasheet HTML 17Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
15
8 PORTS PSE POE MANAGER
TM
®
junction temperature exceeds 200° C. This mechanism
protects the device from extreme events, such as high
ambient temperature or other thermo-mechanical
failures that could damage the PD69108.
VMAIN Out of Range Protection
The PD69108 automatically disconnects port power in
cases where Vmain exceeds 60 VDC. This valuable
mechanism protects the load in cases where main
power source is faulty or damaged.
TY PIC A L A PPL IC A T IO N
This typical application illustrates a simple Power Over Ethernet system Solution for an 8 Ethernet Ports Switch or
Hub.
“POS” and “NEG” Signals should be connected to the Switch RJ45 Jack
To
Opto
MISO
SCK
xCS
MOSI
DRV_VAUX5
Addr0
Addr1
47nF
0.36?
Vport_Pos0
Vport_Neg0
Vport_Sense0
Vport_Neg7
Vport_Sense7
Vport_Neg7
Vmain
VAUX5
QGND
SPI Communication
Bus
x8
x8
Vport_Neg0
To
Power
Supply
PG0
PG1
PG2
Iref
Addr2
Addr3
PG3
MCU
MISO
SCK
xCS
MOSI
Isolated SPI
Communication
Bus
VAUX3P3
VAUX3P3_INT
Connected to DVDD or
DGND according to
desired address
QGND
QGND
30.1K?
Figure 3: Typical Application
* For detailed application's schematics and layout recommendations, contact: sales_AMSG@microsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com