Electronic Components Datasheet Search
  English  ▼

X  

PD69108 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # PD69108
Description  8 PORTS PSE POE MANAGER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD69108 Datasheet(HTML) 1 Page - Microsemi Corporation

  PD69108 Datasheet HTML 1Page - Microsemi Corporation PD69108 Datasheet HTML 2Page - Microsemi Corporation PD69108 Datasheet HTML 3Page - Microsemi Corporation PD69108 Datasheet HTML 4Page - Microsemi Corporation PD69108 Datasheet HTML 5Page - Microsemi Corporation PD69108 Datasheet HTML 6Page - Microsemi Corporation PD69108 Datasheet HTML 7Page - Microsemi Corporation PD69108 Datasheet HTML 8Page - Microsemi Corporation PD69108 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PD69108/F
DATASHEET
Copyright © 2013
Microsemi
Rev. 1.6
Analog Mixed Signal Group
1 Enterprise, Aliso Viejo, CA 92656, USA; Within the USA: (800) 713-4113, Outside the USA: (949) 221-7100 Fax: (949) 756-0308
1
8 PORTS PSE POE MANAGER
TM
®
D ESC R I PTIO N
K E Y F E AT U RE S
Microsemi’s
PD69108
Power
over
Ethernet
(PoE)
Manager
integrates power, analog and state of the art logic into a single
48 pin, plastic QFN package.
The device is used in Ethernet
switches and Midspans, enabling network devices to share power
and data over the same cable.
The PD69108 device is an 8 ports, mixed-signal, high-voltage PoE
driver. It enables detection of IEEE802.3at-2009 compliant Type 1
and Type 2 PDs (Powered Devices), ensuring safe power feeding
and disconnection of ports with full digital control and a minimum of
external components.
The PD69108 executes all real time functions as specified in the
IEEE802.3af-2003 (“AF”) and IEEE802.3at-2009 High Power (“AT”)
standards, including load detection and “AF” and “AT” classification.
In addition, the PD69108 features Multiple Classification Attempts
(MCA) port status monitoring, and provides system level activities
such as power management and MIB support for system
management.
The PoE device is designed to detect and disable disconnected
ports utilizing DC disconnection methods, as specified in the IEEE
802.3af-2003 and IEEE802.3at-2009 standards.
The unit provides PD protection such as over-load, under-load,
over-voltage and short-circuiting.
It supports supply voltages
ranging from 44 to 57 VDC with no need for additional power supply
sources. The chip includes built-in internal thermal protection.
Optionally, the PD69108 can detect legacy/pre-standard PD
devices.
The PD69108 is a low power device using an internal MOSFET and
an external 0.36
Ω sense resistor.
IEEE802.3af-2003 compliant
IEEE802.3at-2009 compliant,
including two-event classification
Supports pre-standard PD detection
Supports Cisco devices detection
Single DC voltage input (44 to 57
VDC)
Input voltage out of range protection
Wide temperature range: -10°C to
+85°C
PD69108F version covering -40°C to
+85°C
Over-temperature protection
Low power dissipation (0.36
Ω sense
resistor and 0.3
Ω MOSFET Rdson)
Includes Reset command pin
4 x direct address configuration pins
Continuous port monitoring and
system data
Configurable load current setting
Configurable AT/AF modes
Configurable standard and legacy
detection mode
Power soft start mechanism
On-chip thermal protection
Voltage monitoring/protection
Built in 3.3 VDC and 5 VDC regulators
Internal power on reset
RoHS compliant
Emergency power management
supporting four configurable power
bank I/Os
Can be cascaded to up to 12 PoE
devices (96 ports)
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com


Similar Part No. - PD69108

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD69100 MICROSEMI-PD69100 Datasheet
210Kb / 5P
PoE Controller Unit
Rev. 1.1, Dec. 2010
logo
Microchip Technology
PD69101 MICROCHIP-PD69101 Datasheet
989Kb / 30P
1-Port PSE PoE Controller Datasheet
PD69101ILQ-TR MICROCHIP-PD69101ILQ-TR Datasheet
989Kb / 30P
1-Port PSE PoE Controller Datasheet
logo
Microsemi Corporation
PD69104B1 MICROSEMI-PD69104B1 Datasheet
2Mb / 36P
4-Port PoE Manager
March 2018
PD69104B1/F MICROSEMI-PD69104B1/F Datasheet
2Mb / 36P
4-Port PoE Manager
March 2018
More results

Similar Description - PD69108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
4-port PoE PSE Manager
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
12-PORT PoE PSE MANAGER
PD69008 MICROSEMI-PD69008 Datasheet
465Kb / 15P
8 Ports Power Over Ethernet Manager
logo
Linear Technology
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
8-Port PoE/PoE/LTPoE PSE Controller
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
PoE PSE Controller
2020
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com