Electronic Components Datasheet Search
  English  ▼

X  

HM8563 Datasheet(PDF) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8563
Description  OA equipments such as Fax machines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8563 Datasheet(HTML) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8563 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
• 10 •
b7
———
AE
———
AE= 0; weekday alarm is enabled.
———
AE= 1; weekday alarm is disabled.
b6..0
<Weekday alarm>
These bits represents the weekday alarm information
value 0 to 6.
2.7.6 CLKOUT frequency register
Table 23 CLKOUT frequency register bits description
0DH
Symbol
Description
b7
FE
FE = 0; the CLKOUT output is inhibited and the CLKOUT output is set to
high-impedance. FE = 1; the CLKOUT output is activated.
b6..2
-
not implemented
b1
FD1
These bits control the frequency output (fCLKOUT) on the CLKOUT pin; see
Table 24.
b0
FD0
Table 24 CLKOUT frequency selection
FD1
FD0
fCLKOUT
0
0
32.768 kHz
01
1 024 Hz
10
32 Hz
11
1 Hz
2.7.7 Countdown timer registers
The Timer register is an 8-bit binary countdown timer. It is enabled and disabled via the
Timer control register bit TE. The source clock for the timer is also selected by the Timer
control register. Other timer properties, e.g. interrupt generation, are controlled via the
Control/status 2 register. For accurate read back of the countdown value, the I2C-bus clock
SCL must be operating at a frequency of at least twice the selected timer clock.
Table 25 Timer control register bits description
0EH
Symbol
Description
b7
TE
TE = 0; timer is disabled. TE = 1; timer is enabled.
b6~b2
-
not implemented
b1
TD1
Timer source clock frequency selection bits. These bits
determine the source clock for the countdown timer, see
Table 26. When not in use, TD1 and TD0 should be set to
‘11’ (1⁄60 Hz) for power saving.
b0
TD0
Table 26 Timer source clock frequency selection
TD[1:0]
Timer source clock
frequency(Hz)
HM8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com