Electronic Components Datasheet Search
  English  ▼

X  

HM8563 Datasheet(PDF) 16 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM8563
Description  OA equipments such as Fax machines
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM8563 Datasheet(HTML) 16 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM8563 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 18Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 19Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM8563 Datasheet HTML 20Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
• 15 •
Fig 12 Master reads after setting word address (write word address; read data)
Fig 13 Master reads slave immediately after first byte (read mode)
4 Parameters
Table 28 Absolute Parameters
Symbol
Parameter
Min
Max
Unit
VDD
supply voltage
-0.5
+6.5
V
IDD
supply current
-50
+50
mA
VI
input voltage on inputs SCL and SDA
-0.5
6.5
V
input voltage on input OSCI
-0.5
VDD +0.5
V
VO
output voltage on outputs CLKOUT and INT
-0.5
6.5
V
II
DC input current at any input
-10
+10
mA
IO
DC output current at any output
-10
300
mA
Ptot
total power dissipation
-
+85
mW
HM8563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com