Electronic Components Datasheet Search
  English  ▼

X  

AS3394 Datasheet(PDF) 1 Page - JSC ALFA.

Part # AS3394
Description  CONTROLLABLE SYNTHESIZER VOICE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3394 Datasheet(HTML) 1 Page - JSC ALFA.

  AS3394 Datasheet HTML 1Page - JSC ALFA. AS3394 Datasheet HTML 2Page - JSC ALFA. AS3394 Datasheet HTML 3Page - JSC ALFA. AS3394 Datasheet HTML 4Page - JSC ALFA. AS3394 Datasheet HTML 5Page - JSC ALFA. AS3394 Datasheet HTML 6Page - JSC ALFA. AS3394 Datasheet HTML 7Page - JSC ALFA. AS3394 Datasheet HTML 8Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AS “АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
1
2019 v.1
AS3394E
AS3394E
AS3394E
µP CONTROLLABLE SYNTHESIZER VOICE
FEATURES
AS3394ED
•
Complete synthesizer Voice on a Chip
•
Sample & Hold buffers on-chip for easy interface to a
µP
•
Fully temperature compensated VCO
•
Independently selectable VCO waveforms
•
Sub-oscillator output
•
Separate saw-tooth output
•
Separate VCO and filter sections allowing design flexibility
•
Constant Loudness vs Resonance VCF
•
Rich Sounding VCF Design
•
Filter FM routing for more Timbres
• Low Noise, Low Feedthrough VCA
SOIC-24 300mil, 1.27 mm
DESCRIPTION
The AS3394E is a complete analog music synthesizer voice-on-a-chip intended for software control by
a microprocessor system. Included inside the compact 24 pin package is fully temperature compensated, wide
range, voltage controlled oscillator providing sub-oscillator, triangle, saw-tooth, and pulse waveforms;
a voltage controlled mixer for adjusting the balance between the internally generated VCO waveforms and any
external signal; a dedicated four-pole low-pass voltage controlled filter with voltage controlled resonance; a
modulation amount VCA for modulating the filter frequency by the triangle waveform output of the VCO; and a
final VCA for allowing the output to be enveloped. Envelope control for both the VCF and final VCA may be
provided by either a hardware envelope generator such as the AS3310 or through software.
All eight control inputs are provided with internal very high input impedance, low bias current buffers. Thus
interface to a microprocessor system may be accomplished simply with a single DAC, 4051-type CMOS
multiplexer, and 8 hold capacitors.
Requiring a bare minimum of other external components, the AS3394E is ideal for low cost polyphonic or
polytimbric musical instruments featuring rich, analog sound.
FUNCTIONAL BLOCK DIAGRAM
+
+
-
7
V+
11
12
10
9
8
V-
X
11K
D-Trig
TC
GEN
ex
B
B
B
B
B
B
B
B
B
TRNGL.
TRNGL.
ICO
to saw
conv.
4 LEVEL
TRANSLATE
VCA2
VCA3
S1
S2
S3
VCA5
IREF
e
x
-
-
ΔGm
ΔGm
ΔGm
ΔGm
-
+
+
+
+
+
-
-
-
-
+
VCA4
1K
1K
VCA1
-
1K
AS3394E
1K
24
22
21
20
23
19
18
17
16
15
14
13
1
2
3
4
5
6


Similar Part No. - AS3394

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS339 BCDSEMI-AS339 Datasheet
169Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AS339A BCDSEMI-AS339A Datasheet
169Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339A DIODES-AS339A Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
More results

Similar Description - AS3394

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
VOICE SYNTHESIZER
logo
Holtek Semiconductor In...
HT86XXX HOLTEK-HT86XXX Datasheet
195Kb / 28P
8-Bit Voice Synthesizer MCU
November 1, 2002
logo
Winbond
W528S03 WINBOND-W528S03 Datasheet
529Kb / 17P
ADPCM VOICE SYNTHESIZER
logo
List of Unclassifed Man...
SD501 ETC-SD501 Datasheet
976Kb / 4P
3 SEC VOICE SYNTHESIZER
logo
Holtek Semiconductor In...
HT86030 HOLTEK-HT86030 Datasheet
207Kb / 25P
Voice Synthesizer 8-Bit MCU
February 20, 2006
logo
NXP Semiconductors
PCF8200 PHILIPS-PCF8200 Datasheet
580Kb / 14P
VOICE SYNTHESIZER
July 1986
logo
Winbond
W528SXX WINBOND-W528SXX Datasheet
125Kb / 15P
ADPCM VOICE SYNTHESIZER(PowerSpeech)
W528SXX WINBOND-W528SXX_03 Datasheet
485Kb / 17P
ADPCM VOICE SYNTHESIZER(PowerSpeechTM)
logo
ATMEL Corporation
ATSAM9708 ATMEL-ATSAM9708_06 Datasheet
431Kb / 31P
128-voice Integrated Sound Synthesizer
logo
Curtis Electromusic.
CEM3394 CES-CEM3394 Datasheet
45Kb / 7P
uP CONTROLLABLE SYNTHESIZER VOICE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com