Electronic Components Datasheet Search
  English  ▼

X  

AS3394 Datasheet(PDF) 6 Page - JSC ALFA.

Part # AS3394
Description  CONTROLLABLE SYNTHESIZER VOICE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3394 Datasheet(HTML) 6 Page - JSC ALFA.

  AS3394 Datasheet HTML 1Page - JSC ALFA. AS3394 Datasheet HTML 2Page - JSC ALFA. AS3394 Datasheet HTML 3Page - JSC ALFA. AS3394 Datasheet HTML 4Page - JSC ALFA. AS3394 Datasheet HTML 5Page - JSC ALFA. AS3394 Datasheet HTML 6Page - JSC ALFA. AS3394 Datasheet HTML 7Page - JSC ALFA. AS3394 Datasheet HTML 8Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AS “АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
6
2019 v.1
AS3394E
AS3394E
As an example, assume the highest cut-off frequency is 24KHz. C1-C3 becomes 33nF and C4 is
33nF/57 = 580pF. The frequency at zero control volts is approximately 1300Hz; 24KHz will be reached in
4,2 octaves, or at -1,6V. The filter can be opened up to >40KHz using these values, but CV feedthrough
becomes excessive.
The resonance VCA feedback circuit has been designed so that as the resonance is increased the apparent
loudness remains constant, providing a much richer resonant sound. Note, however, that the peak-to-peak
level of a pule/square wave actually doubles as resonance is increased, due to the ringing on its fast edge
transitions.
VCF MODULATION
The modulation VCA allows the VCO triangle wave to modulate the reference current of the VCF, and hence
the cut-off frequency. The Modulation Amount control voltage (Pin 6) controls the 'depth': at maximum setting
the VCF is swept from a very low value to twice the unmodulated frequency. Since the modulation is linear,
the apparent filter frequency does not shift as modulation is increased.
One application of this control is to set the filter into oscillation for obtaining linear audio FM of one VCO by
another (using the VCF as a VCO). However, an equally interesting application is to audio FM the filter while it
is filtering normally. The result is strong timbral effects, especially with some resonance added.
FINAL VCA
The final VCA is a low noise, low control feedthrough design which substantially reduces fast envelope click
and pop noises without the need for a trimmer. The output of the filter is essentially AC coupled to the VCA
input by means of the bypass capacitor connected to Pin 21. Thus, its value along with the internal 11K
resistor sets the low corner fre
quency; a value of 4,7µF results in a -3dB point of 3Hz. This pin may also be
used to extract the filter output signal before it is passed through the VCA.
The final VCA control scale is approximately audio taper. The first 20dB of attenuation from a control voltage
of +4V to +2,5V is linear. The next 60 to 80dB of attenuation is from +2,5V to 0V is exponential. This allows
the natural sound of exponential decays to be produced with simple linear envelope control, which is much
simpler to generate in software.
The signal output at Pin 23 is a current with a voltage compliance of Vee+1 to Vcc-1. This allows the outputs
of multiple 3394s to be mixed together by connecting all Pin 23s together. The summed current can then be
converted to a voltage simply by a resistor to ground, or an op-amp with feedback resistor. The major portion
of the 40%
tolerance on the maximum output swing (nominally ±210µA) is due to the monolithic diffused
resistors setting the currents. Although the output variations part-to-part are typically much less than this
(about 5-10%, ed.), output levels as well as the filter initial frequency may be more closely matched by
matching the resistance between the Vcc and Vee pins.
INPUT CONTROL VOLTAGE BUFFERS
With the exception of Waveform Select whose control voltage is not critical, the input bias current to all control
inputs is typically less than 1 nA, and have maximum values of 3 and 5 nA. Hold capacitor values can be in
the range of 2 to 20 nF before causing multiplexing problems and DAC output instability.
The amount of
droop is given by:
Vdroop = (Ibias
– Tupdate) / Chold
With a hold capacitor of 10nF and update time of 10 ms, maximum droop would be 5 mV or between 0,06 and
0,12% of full scale. Typically, the droop is a factor of 10 less than these worst case values.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com