Electronic Components Datasheet Search
  English  ▼

X  

AS3394 Datasheet(PDF) 3 Page - JSC ALFA.

Part # AS3394
Description  CONTROLLABLE SYNTHESIZER VOICE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFA [JSC ALFA.]
Direct Link  http://www.alfarzpp.lv/
Logo ALFA - JSC ALFA.

AS3394 Datasheet(HTML) 3 Page - JSC ALFA.

  AS3394 Datasheet HTML 1Page - JSC ALFA. AS3394 Datasheet HTML 2Page - JSC ALFA. AS3394 Datasheet HTML 3Page - JSC ALFA. AS3394 Datasheet HTML 4Page - JSC ALFA. AS3394 Datasheet HTML 5Page - JSC ALFA. AS3394 Datasheet HTML 6Page - JSC ALFA. AS3394 Datasheet HTML 7Page - JSC ALFA. AS3394 Datasheet HTML 8Page - JSC ALFA.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AS “АLFA RPAR”
Joint Stock Company ALFA
Riga, Latvia www.alfarzpp.lv; alfa@alfarzpp.lv
3
2019 v.1
AS3394E
AS3394E
Continuation of Table
FILTER MODULATOR
Max Modulation Depth
0,01X
-
2X
Freq.
CV for 0% Modulation
-0,3
-
0,1
V
CV for Max Modulation
3
-
4
V
CV Input Current
-
-0,5
-5
nA
FILTER INPUT MIXER
External Input Level (VCA1, VCA2)
-
±40
-
mV @ 5%
THD
External Input to Output Gain
3,6
4,5
5,6
mmho
CV Input Current
-
-0,3
-3
nA
External Input Bias Current
-
-0,3
-0,7
µA
CV Feedthrough
-30
0
30
µA
4-POLE LOW-PASS FILTER
CV Input Range
-3
+4
V
CV Scale Factor
-0.33
-0.38
-0.43
V/Octave
Frequency @ CV = 0.0V
900
1300
1800
Hz
Frequency CV Input Current
-
-0,3
-3
nA
Resonance CV : No Resonance
0
-
0,3
V
Resonance CV: Oscillation
2
2,5
3
V
FINAL VCA
Attenuation at CV = 0
80
90
-
dB
CV for Maximum Output
3,8
4
4,3
V
CV Scale Factor (20-100dB) 4)
-
20
-
dB/V
Triangle Wave Output Level
190
250
325
µA pp
Triangle + Sawtooth Output
255
330
430
µA pp
Sawtooth Output Level
150
200
260
µA pp
Square Wave Output Level
120
160
210
µA pp
All Waves On Output Level
300
400
520
µA pp
CV Feedthrough
-
±0,3
±3
µA
CV Input Current
-
0,3
3
nA
POWER SUPPLIES
Positive Supply Range
+4,75
-
+8
V
Negative Supply Range
-4,75
-
-16
V
Positive Supply Current
13
16
21
mA
Negative Supply Current
-13
-16
-21
mA
1.
Most of error occurs at frequency extremes.
Typical value is at mid-range
2.
When switching from the no waveforms condition.
3.
Filter frequency C.V. = 0V.
4.
This scale holds from max attenuation to approximately 20 dB of attenuation. Thereafter, scale
is approximately linear.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com