Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 309 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 309 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 305Page - Microchip Technology 18F258 Datasheet HTML 306Page - Microchip Technology 18F258 Datasheet HTML 307Page - Microchip Technology 18F258 Datasheet HTML 308Page - Microchip Technology 18F258 Datasheet HTML 309Page - Microchip Technology 18F258 Datasheet HTML 310Page - Microchip Technology 18F258 Datasheet HTML 311Page - Microchip Technology 18F258 Datasheet HTML 312Page - Microchip Technology 18F258 Datasheet HTML 313Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 307
PIC18F2480/2580/4480/4580
REGISTER 23-48: MSEL0: MASK SELECT REGISTER 0(1)
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
FIL3_1
FIL3_0
FIL2_1
FIL2_0
FIL1_1
FIL1_0
FIL0_1
FIL0_0
bit 7
bit 0
bit 7-6
FIL3_1:FIL3_0: Filter 3 Select bits 1 and 0
11
= No mask
10
= Filter 15
01
= Acceptance Mask 1
00
= Acceptance Mask 0
bit 5-4
FIL2_1:FIL2_0: Filter 2 Select bits 1 and 0
11
= No mask
10
= Filter 15
01
= Acceptance Mask 1
00
= Acceptance Mask 0
bit 3-2
FIL1_1:FIL1_0: Filter 1 Select bits 1 and 0
11
= No mask
10
= Filter 15
01
= Acceptance Mask 1
00
= Acceptance Mask 0
bit 1-0
FIL0_1:FIL0_0: Filter 0 Select bits 1 and 0
11
= No mask
10
= Filter 15
01
= Acceptance Mask 1
00
= Acceptance Mask 0
Note 1: This register is available in Mode 1 and 2 only.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com