Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 42 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 42 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 38Page - Microchip Technology 18F258 Datasheet HTML 39Page - Microchip Technology 18F258 Datasheet HTML 40Page - Microchip Technology 18F258 Datasheet HTML 41Page - Microchip Technology 18F258 Datasheet HTML 42Page - Microchip Technology 18F258 Datasheet HTML 43Page - Microchip Technology 18F258 Datasheet HTML 44Page - Microchip Technology 18F258 Datasheet HTML 45Page - Microchip Technology 18F258 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 40
Preliminary
 2004 Microchip Technology Inc.
3.5.4
EXIT WITHOUT AN OSCILLATOR
START-UP DELAY
Certain exits from power managed modes do not
invoke the OST at all. There are two cases:
• PRI_IDLE mode where the primary clock source
is not stopped; and
• the primary clock source is not any of the LP, XT,
HS or HSPLL modes.
In these instances, the primary clock source either
does not require an oscillator start-up delay, since it is
already running (PRI_IDLE), or normally does not
require an oscillator start-up delay (RC, EC and INTIO
Oscillator modes). However, a fixed delay of interval
TCSD following the wake event is still required when
leaving Sleep and Idle modes to allow the CPU to pre-
pare for execution. Instruction execution resumes on
the first clock cycle following this delay.
TABLE 3-2:
EXIT DELAY ON WAKE-UP BY RESET FROM SLEEP MODE OR ANY IDLE MODE
(BY CLOCK SOURCES)
Clock Source
before Wake-up
Clock Source
After Wake-up
Exit Delay
Clock Ready Status
bit (OSCCON)
Primary Device Clock
(PRI_IDLE mode)
LP, XT, HS
TCSD(2)
OSTS
HSPLL
EC, RC
INTRC(1)
—
INTOSC(3)
IOFS
T1OSC or INTRC(1)
LP, XT, HS
TOST(4)
OSTS
HSPLL
TOST + trc
(4)
EC, RC
TCSD(2)
INTRC(1)
—
INTOSC(2)
TIOBST(5)
IOFS
INTOSC(3)
LP, XT, HS
TOST(5)
OSTS
HSPLL
TOST + trc
(4)
EC, RC
TCSD(2)
INTRC(1)
—
INTOSC(2)
None
IOFS
None
(Sleep mode)
LP, XT, HS
TOST(4)
OSTS
HSPLL
TOST + trc
(4)
EC, RC
TCSD(2)
INTRC(1)
—
INTOSC(2)
TIOBST(5)
IOFS
Note 1:
In this instance, refers specifically to the 31 kHz INTRC clock source.
2:
TCSD (parameter 38) is a required delay when waking from Sleep and all Idle modes and runs concurrently
with any other required delays (see Section 3.4 “Idle Modes”).
3:
Includes both the INTOSC 8 MHz source and postscaler derived frequencies.
4:
TOST is the Oscillator Start-up Timer (parameter 32). trc is the PLL Lock-out Timer (parameter F12); it is
also designated as TPLL.
5:
Execution continues during TIOBST (parameter 39), the INTOSC stabilization period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com