Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 88 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 88 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 84Page - Microchip Technology 18F258 Datasheet HTML 85Page - Microchip Technology 18F258 Datasheet HTML 86Page - Microchip Technology 18F258 Datasheet HTML 87Page - Microchip Technology 18F258 Datasheet HTML 88Page - Microchip Technology 18F258 Datasheet HTML 89Page - Microchip Technology 18F258 Datasheet HTML 90Page - Microchip Technology 18F258 Datasheet HTML 91Page - Microchip Technology 18F258 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 86
Preliminary
 2004 Microchip Technology Inc.
B0DLC(8)
Receive mode
—
RXRTR
RB1
RB0
DLC3
DLC2
DLC1
DLC0
-xxx xxxx
58, 301
B0DLC(8)
Transmit mode
—TXRTR
—
—
DLC3
DLC2
DLC1
DLC0
-x-- xxxx
58, 301
B0EIDL(8)
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
58, 299
B0EIDH(8)
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
58, 298
B0SIDL(8)
Receive mode
SID2
SID1
SID0
SRR
EXID
—EID17
EID16
xxxx x-xx
58, 297
B0SIDL(8)
Transmit mode
SID2
SID1
SID0
—EXIDE
—EID17
EID16
xxx- x-xx
58, 297
B0SIDH(8)
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
58, 296
B0CON(8)
Receive mode
RXFUL
RXM1
RXRTRRO
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
0000 0000
58, 295
B0CON(8)
Transmit mode
TXBIF
TXABT
TXLARB
TXERR
TXREQ
RTREN
TXPRI1
TXPRI0
0000 0000
58, 295
TXBIE
—
—
—
TXB2IE
TXB1IE
TXB0IE
—
—
---0 00--
58, 318
BIE0
B5IE
B4IE
B3IE
B2IE
B1IE
B0IE
RXB1IE
RXB0IE
0000 0000
58, 318
BSEL0
B5TXEN
B4TXEN
B3TXEN
B2TXEN
B1TXEN
B0TXEN
—
—
0000 00--
59, 301
MSEL3
FIL15_1
FIL15_0
FIL14_1
FIL14_0
FIL13_1
FIL13_0
FIL12_1
FIL12_0
0000 0000
59, 310
MSEL2
FIL11_1
FIL11_0
FIL10_1
FIL10_0
FIL9_1
FIL9_0
FIL8_1
FIL8_0
0000 0000
59, 309
MSEL1
FIL7_1
FIL7_0
FIL6_1
FIL6_0
FIL5_1
FIL5_0
FIL4_1
FIL4_0
0000 0101
59, 308
MSEL0
FIL3_1
FIL3_0
FIL2_1
FIL2_0
FIL1_1
FIL1_0
FIL0_1
FIL0_0
0101 0000
59, 307
RXFBCON7
F15BP_3
F15BP_2
F15BP_1
F15BP_0
F14BP_3
F14BP_2
F14BP_1
F14BP_0
0000 0000
59, 305
RXFBCON6
F13BP_3
F13BP_2
F13BP_1
F13BP_0
F12BP_3
F12BP_2
F12BP_1
F12BP_0
0000 0000
59, 305
RXFBCON5
F11BP_3
F11BP_2
F11BP_1
F11BP_0
F10BP_3
F10BP_2
F10BP_1
F10BP_0
0000 0000
59, 305
RXFBCON4
F9BP_3
F9BP_2
F9BP_1
F9BP_0
F8BP_3
F8BP_2
F8BP_1
F8BP_0
0000 0000
59, 305
RXFBCON3
F7BP_3
F7BP_2
F7BP_1
F7BP_0
F6BP_3
F6BP_2
F6BP_1
F6BP_0
0000 0000
59, 305
RXFBCON2
F5BP_3
F5BP_2
F5BP_1
F5BP_0
F4BP_3
F4BP_2
F4BP_1
F4BP_0
0001 0001
59, 305
RXFBCON1
F3BP_3
F3BP_2
F3BP_1
F3BP_0
F2BP_3
F2BP_2
F2BP_1
F2BP_0
0001 0001
59, 305
RXFBCON0
F1BP_3
F1BP_2
F1BP_1
F1BP_0
F0BP_3
F0BP_2
F0BP_1
F0BP_0
0000 0000
59, 305
SDFLC
—
—
—
FLC4
FLC3
FLC2
FLC1
FLC0
---0 0000
59, 305
RXFCON1
RXF15EN
RXF14EN
RXF13EN
RXF12EN
RXF11EN
RXF10EN
RXF9EN
RXF8EN
0000 0000
59, 306
RXFCON0
RXF7EN
RXF6EN
RXF5EN
RXF4EN
RXF3EN
RXF2EN
RXF1EN
RXF0EN
0000 0000
59, 305
RXF15EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
59, 303
RXF15EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
59, 303
RXF15SIDL
SID2
SID1
SID0
—EXIDEN
—EID17
EID16
xxx- x-xx
59, 304
RXF15SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
59, 303
RXF14EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
59, 303
RXF14EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
59, 303
RXF14SIDL
SID2
SID1
SID0
—EXIDEN
—EID17
EID16
xxx- x-xx
59, 304
RXF14SIDH
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
59, 303
RXF13EIDL
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
59, 303
RXF13EIDH
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
59, 303
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2480/2580/4480/4580) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
2:
The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise it is disabled and reads as ‘0’. See Section 4.4 “Brown-out Reset
(BOR)”.
3:
These registers and/or bits are not implemented on PIC18F2X80 devices and are read as ‘0’. Reset values are shown for PIC18F4X80 devices;
individual unimplemented bits should be interpreted as ‘—’.
4:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 2.6.4 “PLL in INTOSC
Modes”.
5:
The RE3 bit is only available when Master Clear Reset is disabled (CONFIG3H<7> = 0); otherwise, RE3 reads as ‘0’. This bit is read-only.
6:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes. When
disabled, these bits read as ‘0’.
7:
CAN bits have multiple functions depending on the selected mode of the CAN module.
8:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.
9:
These registers are available on PIC18F4X80 devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com