Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 58 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 58 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 54Page - Microchip Technology 18F258 Datasheet HTML 55Page - Microchip Technology 18F258 Datasheet HTML 56Page - Microchip Technology 18F258 Datasheet HTML 57Page - Microchip Technology 18F258 Datasheet HTML 58Page - Microchip Technology 18F258 Datasheet HTML 59Page - Microchip Technology 18F258 Datasheet HTML 60Page - Microchip Technology 18F258 Datasheet HTML 61Page - Microchip Technology 18F258 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 484 page
background image
PIC18F2480/2580/4480/4580
DS39637A-page 56
Preliminary
 2004 Microchip Technology Inc.
RXF1EIDL
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF1EIDH
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF1SIDL
2480 2580 4480 4580
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF1SIDH
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF0EIDL
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF0EIDH
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF0SIDL
2480 2580 4480 4580
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF0SIDH
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B5D7(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B5D6(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B5D5(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B5D4(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B5D3(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B5D2(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B5D1(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B5D0(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B5DLC(6)
2480 2580 4480 4580
-xxx xxxx
-uuu uuuu
-uuu uuuu
B5EIDL(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B5EIDH(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B5SIDL(6)
2480 2580 4480 4580
xxxx x-xx
uuuu u-uu
uuuu u-uu
B5SIDH(6)
2480 2580 4480 4580
xxxx x-xx
uuuu u-uu
uuuu u-uu
B5CON(6)
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
B4D7(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4D6(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4D5(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4D4(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4D3(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4D2(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4D1(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4D0(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
B4DLC(6)
2480 2580 4480 4580
-xxx xxxx
-uuu uuuu
-uuu uuuu
B4EIDL(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET
Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com