Electronic Components Datasheet Search
  English  ▼

X  

18F258 Datasheet(PDF) 317 Page - Microchip Technology

Part # 18F258
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F258 Datasheet(HTML) 317 Page - Microchip Technology

Back Button 18F258 Datasheet HTML 313Page - Microchip Technology 18F258 Datasheet HTML 314Page - Microchip Technology 18F258 Datasheet HTML 315Page - Microchip Technology 18F258 Datasheet HTML 316Page - Microchip Technology 18F258 Datasheet HTML 317Page - Microchip Technology 18F258 Datasheet HTML 318Page - Microchip Technology 18F258 Datasheet HTML 319Page - Microchip Technology 18F258 Datasheet HTML 320Page - Microchip Technology 18F258 Datasheet HTML 321Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 317 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 315
PIC18F2480/2580/4480/4580
23.2.6
CAN INTERRUPT REGISTERS
The registers in this section are the same as described
in Section 9.0 “Interrupts”. They are duplicated here
for convenience.
REGISTER 23-56: PIR3: PERIPHERAL INTERRUPT REQUEST (FLAG) REGISTER 3
Mode 0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IRXIF
WAKIF
ERRIF
TXB2IF
TXB1IF(1) TXB0IF(1)
RXB1IF
RXB0IF
Mode 1, 2
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IRXIF
WAKIF
ERRIF
TXBnIF
TXB1IF(1) TXB0IF(1)
RXBnIF
FIFOWMIF
bit 7
bit 0
bit 7
IRXIF: CAN Invalid Received Message Interrupt Flag bit
1
= An invalid message has occurred on the CAN bus
0
= No invalid message on CAN bus
bit 6
WAKIF: CAN bus Activity Wake-up Interrupt Flag bit
1
= Activity on CAN bus has occurred
0
= No activity on CAN bus
bit 5
ERRIF: CAN bus Error Interrupt Flag bit
1
= An error has occurred in the CAN module (multiple sources)
0
= No CAN module errors
bit 4
When CAN is in Mode 0:
TXB2IF: CAN Transmit Buffer 2 Interrupt Flag bit
1
= Transmit Buffer 2 has completed transmission of a message and may be reloaded
0
= Transmit Buffer 2 has not completed transmission of a message
When CAN is in Mode 1 or 2:
TXBnIF: Any Transmit Buffer Interrupt Flag bit
1
= One or more transmit buffers have completed transmission of a message and may be reloaded
0
= No transmit buffer is ready for reload
bit 3
TXB1IF: CAN Transmit Buffer 1 Interrupt Flag bit(1)
1
= Transmit Buffer 1 has completed transmission of a message and may be reloaded
0
= Transmit Buffer 1 has not completed transmission of a message
bit 2
TXB0IF: CAN Transmit Buffer 0 Interrupt Flag bit(1)
1
= Transmit Buffer 0 has completed transmission of a message and may be reloaded
0
= Transmit Buffer 0 has not completed transmission of a message
bit 1
When CAN is in Mode 0:
RXB1IF: CAN Receive Buffer 1 Interrupt Flag bit
1
= Receive Buffer 1 has received a new message
0
= Receive Buffer 1 has not received a new message
When CAN is in Mode 1 or 2:
RXBnIF: Any Receive Buffer Interrupt Flag bit
1
= One or more receive buffers has received a new message
0
= No receive buffer has received a new message
bit 0
When CAN is in Mode 0:
RXB0IF: CAN Receive Buffer 0 Interrupt Flag bit
1
= Receive Buffer 0 has received a new message
0
= Receive Buffer 0 has not received a new message
When CAN is in Mode 1:
Unimplemented: Read as ‘0’
When CAN is in Mode 2:
FIFOWMIF: FIFO Watermark Interrupt Flag bit
1
= FIFO high watermark is reached
0
= FIFO high watermark is not reached
Note 1: In CAN Mode 1 and 2, this bit is forced to ‘0’.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com